Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7142LA55J Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7142LA55J
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA55J Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7142LA55J Datasheet HTML 1Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 2Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 3Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 4Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2692/8
HIGH-SPEED
2K x 8 DUAL-PORT
STATIC RAM
IDT7132SA/LA
IDT7142SA/LA
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The IDT7132/IDT7142 are high-speed 2K x 8 Dual-Port
Static RAMs. The IDT7132 is designed to be used as a stand-
alone 8-bit Dual-Port RAM or as a “MASTER” Dual-Port RAM
together with the IDT7142 “SLAVE” Dual-Port in 16-bit-or-
more word width systems. Using the IDT MASTER/SLAVE
Dual-Port RAM approach in 16-or-more-bit memory system
applications results in full-speed, error-free operation without
the need for additional discrete logic.
Both devices provide two independent ports with separate
control, address, and l/O pins that permit independent, asyn-
chronous access for reads or writes to any location in memory.
An automatic power down feature, controlled by
CE permits
the on-chip circuitry of each port to enter a very low standby
power mode.
Fabricated using IDT’s CMOS high-performance technol-
ogy, these devices typically operate on only 550mW of power.
Low-power (LA) versions offer battery backup data retention
capability, with each Dual-Port typically consuming 200
µW
from a 2V battery.
The IDT7132/7142 devices are packaged in a 48-pin
sidebraze or plastic DIPs, 48-pin LCCs, 52-pin PLCCs, and
48-lead flatpacks. Military grade product is manufactured in
compliance with the latest revision of MIL-STD-883, Class B,
making it ideally suited to military temperature applications
demanding the highest level of performance and reliability.
FEATURES:
• High-speed access
— Military: 25/35/55/100ns (max.)
— Commercial: 25/35/55/100ns (max.)
— Commercial: 20ns only in PLCC for 7132
• Low-power operation
— IDT7132/42SA
Active: 550mW (typ.)
Standby: 5mW (typ.)
— IDT7132/42LA
Active: 550mW (typ.)
Standby: 1mW (typ.)
• Fully asynchronous operation from either port
• MASTER IDT7132 easily expands data bus width to 16-or-
more bits using SLAVE IDT7142
• On-chip port arbitration logic (IDT7132 only)
BUSY output flag on IDT7132; BUSY input on IDT7142
• Battery backup operation —2V data retention
• TTL-compatible, single 5V
±10% power supply
• Available in popular hermetic and plastic packages
• Military product compliant to MIL-STD, Class B
• Standard Military Drawing # 5962-87002
• Industrial temperature range (–40
°C to +85°C) is available,
tested to miliary electrical specifications
NOTES:
1. IDT7132 (MASTER):
BUSY is open
drain output and requires pullup
resistor of 270
Ω.
IDT7142 (SLAVE):
BUSY is input.
2. Open drain output: requires pullup
resistor of 270
Ω.
6.02
1
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A10L
A0L
2692 drw 01
I/O0L- I/O7L
CEL
BUSYR
I/O0R-I/O7R
A10R
A0R
CER
(1,2)
(1,2)
R/
WR
CER
OER
11
11
For latest information contact IDT’s web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT7142LA55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7142LA55J IDT-IDT7142LA55J Datasheet
255Kb / 16P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT7142LA55JB IDT-IDT7142LA55JB Datasheet
255Kb / 16P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT7142LA55JI IDT-IDT7142LA55JI Datasheet
255Kb / 16P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
More results

Similar Description - IDT7142LA55J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com