Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7142LA55J Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7142LA55J
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA55J Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7142LA55J Datasheet HTML 3Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 4Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 9Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 10Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6.02
9
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
BUSYR
2692 drw 12
R/
WL
tWP
tWH
tWB
R/
WR
(2)
(1)
TIMING WAVEFORM OF WRITE WITH
BUSY
BUSY
BUSY
BUSY
BUSY(3)
NOTES:
1. tWH must be met for both
BUSY Input (IDT7142, slave) or Output (IDT7132, master).
2.
BUSY is asserted on port 'B' blocking R/W'B', until BUSY'B' goes High.
3. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port 'B' is opposite from port 'A'.
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY
CE
CE
CE
CE
CE TIMING (1)
tAPS
ADDR
'A'
and 'B'
ADDRESSES MATCH
tBAC
tBDC
CE'B'
CE'A'
BUSY'A'
2692 drw 13
(2)
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY ADDRESS MATCH TIMING (1)
BUSY'B'
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
ADDR'A'
ADDR'B'
2692 drw 14
(2)
tBAA
tBDA
tRC or tWC
NOTES:
1. All timing is the same for left and right ports. Port 'A' may be either left or right port. Port 'B' is the opposite from port 'A'.
2. If tAPS is not satisified, the
BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (7132 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com