Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55YB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT6167LA55YB
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55YB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT6167LA55YB Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5.2
5
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
2981 tbl 10
Figure 2. AC Test Load
(for tCLZ, tCHZ, tWHZ and tOW)
*Includes scope and jig.
Figure 1. AC Test Load
2981 drw 04
480
30pF*
255
DATAOUT
5V
2981 drw 05
480
5pF*
255
DATAOUT
5V
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6167SA15
6167SA20/25 6167SA35/45
(1) 6167SA55(1)/70(1)
6167LA15
6167LA20/25 6167LA35/45
(1) 6167LA55(1)/70(1)
Symbol
Parameter
Min.
Max.
Min. Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
15
20/25
35/45
55/70
ns
tAA
Address Access Time
15
20/25
35/45
55/70
ns
tACS
Chip Select Access Time
15
20/25
35/45
55/70
ns
tCLZ
(2)
Chip Deselect to Output in Low-Z
3
5/5
5/5
5/5
ns
tCHZ
(2)
Chip Select to Output in High-Z
10
10/10
15/30
40/40
ns
tOH
Output Hold from Address Change
3
5/5
5/5
5/5
ns
tPU
(2)
Chip Select to Power-Up Time
0
0/0
0/0
0/0
ns
tPD
(2)
Chip Deselect to Power-Down Time
15
20/25
35/45
55/70
ns
Write Cycle
tWC
Write Cycle Time
15
20/20
30/45
55/70
ns
tCW
Chip Select to End-of-Write
15
15/20
30/40
45/55
ns
tAW
Address Valid to End-of-Write
15
15/20
30/40
45/55
ns
tAS
Address Set-up Time
0
0/0
0/0
0/0
ns
tWP
Write Pulse Width
13
15/20
30/30
35/40
ns
tWR
Write Recovery Time
0
0/0
0/0
0/0
ns
tDW
Data Valid to End-of-Write
10
12/15
17/20
25/30
ns
tDH
Data Hold Time
0
0/0
0/0
0/0
ns
tWHZ
(2)
Write Enable to Output in High-Z
7
8/8
15/30
40/40
ns
tOW
(2)
Output Active from End-of-Write
0
0/0
0/0
0/0
ns
NOTES:
2981 tbl 11
1. –55
°C to +125°C temperature range only. Also available: 85ns and 100ns Military devices.
2. This parameter is guaranteed with AC Load (Figure 2) by device characterization, but is not production tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com