Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55YB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT6167LA55YB
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55YB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT6167LA55YB Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5.2
7
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF WRITE CYCLE NO. 1, (
WE
WE CONTROLLED TIMING)(1, 2, 4)
TIMING WAVEFORM OF WRITE CYCLE NO. 2, (
CS
CS CONTROLLED TIMING)(1, 2, 4)
NOTES:
1.
WE or CS must be inactive during all address transitions.
2. A write occurs during the overlap of a LOW
CS and a LOW WE.
3. tWR is measured from the earlier of
CS or WE going HIGH to the end of the write cycle.
4. If the
CS low transition occurs simultaneously with or after the WE LOW transition, the outputs remain in the high-impedance state.
5. Transition is measured
±200mV from steady state.
6. During this period, the I/O pins are in the output state and the input signals must not be applied.
CS
2981 drw 08
tAW
tWR
tDW
DATAIN
ADDRESS
tWC
WE
tWP
tDH
DATAOUT
tOW
tAS
DATAIN VALID
(5)
PREVIOUS DATAOUT VALID
(6)
DATAOUT
VALID (6)
(3)
tWHZ
(5)
tCHZ
(5)
t
CS
2981 drw 09
tAW
tDW
DATAIN
ADDRESS
tWC
WE
tCW
tDH
tAS
tWR
DATAIN VALID
(3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com