Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55YB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT6167LA55YB
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55YB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT6167LA55YB Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55YB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MARCH 1996
©1996 Integrated Device Technology, Inc.
2981/5
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.
FEATURES:
• High-speed (equal access and cycle time)
— Military: 15/20/25/35/45/55/70/85/100ns (max.)
— Commercial: 15/20/25/35ns (max.)
• Low power consumption
• Battery backup operation — 2V data retention voltage
(IDT6167LA only)
• Available in 20-pin CERDIP and Plastic DIP, and 20-pin
SOJ
• Produced with advanced CMOS high-performance
technology
• CMOS process virtually eliminates alpha particle soft-
error rates
• Separate data input and output
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The lDT6167 is a 16,384-bit high-speed static RAM orga-
nized as 16K x 1. The part is fabricated using IDT’s high-
performance, high reliability CMOS technology.
Access times as fast as 15ns are available. The circuit also
offers a reduced power standby mode. When
CS goes HIGH,
the circuit will automatically go to, and remain in, a standby
mode as long as
CS remains HIGH. This capability provides
significant system-level power and cooling savings. The low-
power (LA) version also offers a battery backup data retention
capability where the circuit typically consumes only 1
µW
operating off a 2V battery.
All inputs and the output of the IDT6167 are TTL-compat-
ible and operate from a single 5V supply, thus simplifying
system designs.
The IDT6167 is packaged in a space-saving 20-pin, 300 mil
Plastic DIP or CERDIP, Plastic 20-pin SOJ, providing high
board-level packing densities.
Military grade product is manufactured in compliance with
the latest revision of MIL-STD-883, Class B, making it ideally
suited to military temperature applications demanding the
highest level of performance and reliability.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
ADDRESS
DECODE
16,384-BIT
MEMORY ARRAY
2981 drw 01
WE
VCC
GND
DOUT
A0
A13
DIN
I/O CONTROL
CS
CONTROL
LOGIC
5.2
CMOS STATIC RAM
16K (16K x 1-BIT)
IDT6167SA
IDT6167LA
1


Similar Part No. - IDT6167LA55YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6168 IDT-IDT6168 Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA IDT-IDT6168LA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15DB IDT-IDT6168LA15DB Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
More results

Similar Description - IDT6167LA55YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
16K x 1 Static RAM
logo
Intersil Corporation
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
16K CMOS STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com