Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD688 Datasheet(PDF) 6 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices AD688 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD688
Rev. B | Page 6 of 16
THEORY OF OPERATION
The AD688 consists of a buried Zener diode reference,
amplifiers and associated thin-film resistors as shown in
Figure 3. The temperature compensation circuitry provides the
device with a temperature coefficient of 1.5 ppm/°C or less.
Amplifier A1 performs several functions. A1 primarily acts to
amplify the Zener voltage to the required 20 V. In addition, A1
also provides for external adjustment of the 20 V output
through Pin 5 (GAIN ADJ). Using the bias compensation
resistor between the Zener output and the noninverting input to
A1, a capacitor can be added at the noise reduction pin (Pin 7)
to form a low-pass filter and reduce the noise contribution of
the Zener to the circuit. Two matched 12 kΩ nominal thin-film
resistors (R4 and R5) divide the 20 V output in half.
Ground sensing for the circuit is provided by amplifier A2. The
noninverting input (Pin 9) senses the system ground and forces
the midpoint of resistors R4 and R5 to be a virtual ground.
Pin 12 (BAL ADJ) can be used for fine adjustment of this
midpoint transfer.
Amplifiers A3 and A4 are internally compensated and are used
to buffer the voltages at Pin 6 and Pin 8 as well as to provide a
full Kelvin output. Thus, the AD688 has a full Kelvin capability
by providing the means to sense a system ground, and forced
and sensed outputs referenced to that ground.
R3
RB
R1
R2
R4
R5
R6
GAIN
ADJ
GND
SENSE
+IN
NC
VLOW BAL
ADJ
NC
A4 IN
–VS
+VS
–10V OUT
FORCE
–10V OUT
SENSE
+10V OUT
FORCE
+10V OUT
SENSE
A3 IN
VHIGH
NOISE
REDUCTION
A1
A4
A3
A2
AD688
7
6
4
3
1
14
2
15
16
5
9
10
8
12
11
13
NC = NO CONNECT
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com