Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD688 Datasheet(PDF) 3 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 3 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD688
Rev. B | Page 3 of 16
SPECIFICATIONS
Typical @ 25°C, +10 V output, VS = ±15 V unless otherwise noted.1 Specifications shown in boldface are tested on all production units at
final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed.
Table 1.
AD688AQ
AD688BQ
AD688ARWZ
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE ERROR
+10 V, −10 V Outputs
−5
+5
−2
+2
−4
+4
mV
±10 V TRACKING ERROR
−3
+3
−1.5
+1.5
−1.5
+1.5
mV
OUTPUT VOLTAGE DRIFT
+10 V, −10 V Outputs
0°C to +70°C (A, B)
±2
–1.5
+1.5
ppm/°C
−40°C to +85°C (A, B)
−3
+3
–3
+3
–8
+8
ppm/°C
GAIN ADJ AND BAL ADJ2
Trim Range
± 5
±5
±5
mV
Input Resistance
150
150
150
kΩ
LINE REGULATION
TMIN to TMAX 3
–200
+200
–200
+200
–200
+200
µV/V
LOAD REGULATION
TMIN to TMAX
+10 V Output, 0<IOUT<10 mA
±50
±50
±50
µV/mA
−10 V Output, −10<IOUT<0 mA
±50
±50
±50
µV/mA
SUPPLY CURRENT
TMIN to TMAX
9
12
9
12
12
mA
Power Dissipation
270
360
270
360
360
mW
OUTPUT NOISE (ANY OUTPUT)
0.1 Hz to 10 Hz
6
6
6
µV p-p
Spectral Density, 100 Hz
140
140
140
nV√Hz
LONG-TERM STABILITY (@ 25°C)
15
15
15
ppm/1000 hours
BUFFER AMPLIFIERS
Offset Voltage
100
100
100
µV
Offset Voltage Drift
1
1
1
µV/°C
Bias Current
20
20
20
nA
Open-Loop Gain
110
110
110
dB
Output Current A3, A4
−10
+10
−10
+10
−10
+10
mA
Common-Mode Rejection (A3, A4)
VCM = 1 V p-p
100
100
100
dB
Short-Circuit Current
50
50
50
mA
TEMPERATURE RANGE
Specified Performance
A, B Grades
−40
+85
−40
+85
−40
+85
°C
1 See
for output configuration.
Figure 4
2 Gain and balance adjustments guaranteed capable of trimming output voltage error and symmetry error to zero.
3 Test Conditions: +VS = +18 V, −VS = –18 V; +VS = +13.5 V, −VS = −13.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com