Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD688 Datasheet(PDF) 1 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 1 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Precision
±10 V Reference
AD688
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
±10 V tracking outputs
Kelvin connections
Low tracking error: 1.5 mV
Low initial error: 2.0 mV
Low drift: 1.5 ppm/°C
Low noise: 6 μV p-p
Flexible output force and sense terminals
High impedance ground sense
Wide body SOIC and CERDIP packages
GENERAL DESCRIPTION
The AD688 is a high precision ±10 V tracking reference. Low
tracking error, low initial error, and low temperature drift give
the AD688 reference absolute ±10 V accuracy performance
previously unavailable in monolithic form. The AD688 uses a
proprietary ion-implanted buried Zener diode, and laser wafer
drift trimming of high stability thin-film resistors to provide
outstanding performance.
The AD688 includes the basic reference cell and three
additional amplifiers. The amplifiers are laser-trimmed for low
offset and low drift and maintain the accuracy of the reference.
The amplifiers are configured to allow Kelvin connections to
the load and/or boosters for driving long lines or high current
loads, delivering the full accuracy of the AD688 where it is
required in the application circuit.
The low initial error allows the AD688 to be used as a system
reference in precision measurement applications requiring
12-bit absolute accuracy. In such systems, the AD688 can
provide a known voltage for system calibration; the cost of
periodic recalibration can therefore be eliminated.
Furthermore, the mechanical instability of a trimming
potentiometer and the potential for improper calibration can be
eliminated by using the AD688 and calibration software.
The AD688 is available in commercial version. Specified over
the −40oC to +85oC temperature range, the AD688 is offered in
wide body 16-lead SOIC and 16-lead CERDIP packages,
FUNCTIONAL BLOCK DIAGRAM
R3
RB
R1
R2
R4
R5
R6
GAIN
ADJ
GND
SENSE
+IN
NC
VLOW BAL
ADJ
NC
A4 IN
–VS
+VS
–10V OUT
FORCE
–10V OUT
SENSE
+10V OUT
FORCE
+10V OUT
SENSE
A3 IN
VHIGH
NOISE
REDUCTION
A1
A4
A3
A2
AD688
7
6
4
3
1
14
2
15
16
5
9
10
8
12
11
13
NC = NO CONNECT
Figure 1.
PRODUCT HIGHLIGHTS
1.
Precision Tracking. The AD688 offers precision tracking
±10 V Kelvin output connections with no external
components. Tracking error is less than 1.5 mV and fine-
trim is available for applications requiring exact symmetry
between the +10 V and −10 V outputs.
2.
Accuracy. The AD688 offers 12-bit absolute accuracy
without any user adjustments. Optional fine-trim
connections are provided for applications requiring higher
precision. The fine-trimming does not alter the operating
conditions of the Zener or the buffer amplifiers and thus
does not increase the temperature drift.
3.
Low output noise. Output noise of the AD688 is low—
typically 6 μV p-p. A pin is provided for broadband noise
filtering using an external capacitor.


Similar Part No. - AD688

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
AD688AQ AD-AD688AQ Datasheet
406Kb / 8P
High Precision -10 V Reference
AD688AQ AD-AD688AQ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688BQ AD-AD688BQ Datasheet
406Kb / 8P
High Precision -10 V Reference
More results

Similar Description - AD688

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com