Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX489 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MAX489
Description  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MAX489 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .............................................................12V
Control Input Voltage (RE, DE)...................-0.5V to (VCC + 0.5V)
Driver Input Voltage (DI).............................-0.5V to (VCC + 0.5V)
Driver Output Voltage (A, B)...................................-8V to +12.5V
Receiver Input Voltage (A, B) .................................-8V to +12.5V
Receiver Output Voltage (RO).....................-0.5V to (VCC +0.5V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..800mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............830mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C).......727mW
Operating Temperature Ranges
MAX4_ _C_ _/MAX1487C_ A ...............................0°C to +70°C
MAX4_ _E_ _/MAX1487E_ A .............................-40°C to +85°C
MAX4_ _MJ_/MAX1487MJA ...........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1,
2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Driver Output (no load)
VOD1
5
V
Differential Driver Output
(with load)
VOD2
R = 50
Ω (RS-422)
2
V
R = 27
Ω (RS-485), Figure 4
1.5
5
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
∆VOD
R = 27
Ω or 50Ω, Figure 4
0.2
V
Driver Common-Mode Output
Voltage
VOC
R = 27
Ω or 50Ω, Figure 4
3
V
Change in Magnitude of Driver
Common-Mode Output Voltage for
Complementary Output States
∆VOD
R = 27
Ω or 50Ω, Figure 4
0.2
V
Input High Voltage
VIH
DE, DI, RE
2.0
V
Input Low Voltage
VIL
DE, DI, RE
0.8
V
Input Current
IIN1
DE, DI, RE
±2
µA
Input Current
(A, B)
IIN2
DE = 0V;
VCC = 0V or 5.25V,
all devices except
MAX487/MAX1487
VIN = 12V
1.0
mA
VIN = -7V
-0.8
MAX487/MAX1487,
DE = 0V, VCC = 0V or 5.25V
VIN = 12V
0.25
mA
VIN = -7V
-0.2
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
-0.2
0.2
V
Receiver Input Hysteresis
∆VTH
VCM = 0V
70
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
3.5
V
Receiver Output Low Voltage
VOL
IO = 4mA, VID = -200mV
0.4
V
Three-State (high impedance)
Output Current at Receiver
IOZR
0.4V
≤ VO ≤ 2.4V
±1
µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V, all devices except
MAX487/MAX1487
12
k
Ω
-7V
≤ VCM ≤ 12V, MAX487/MAX1487
48
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com