Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX489 Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # MAX489
Description  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

Back Button MAX489 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MAX1487; DE = VCC, RE =
MAX1487; DE = 0V, RE =
X
Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
140
-120
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
600
MAX481/MAX485/MAX490/MAX491
SUPPLY CURRENT vs. TEMPERATURE
MAX481/MAX485; DE = VCC, RE = X
120
-100
500
100
80
60
40
20
0
-80
-60
-40
-20
0
400
300
200
100
0
MAX485; DE = 0, RE =
X, MAX481; DE = RE =
0
MAX490/MAX491; DE = RE = X
MAX481; DE = 0, RE = VCC
0
2
4
6
8
10
12
-7 -6 -5 -4 -
3
-2 -1 0
1
2
3
4
5
-50
-25 0
25
50
75
100
125
OUTPUT LOW VOLTAGE
(V)
MAX483/MAX487–MAX489
OUTPUT HIGH VOLTAGE
(V)
MAX1487
TEMPERATURE (
°C)
600
500
400
300
200
100
0
SUPPLY CURRENT vs. TEMPERATURE
MAX483; DE = VCC, RE =
X MAX487; DE = VCC, RE = X
MAX483/MAX487; DE = RE =
0, MAX488/MAX489; DE = RE
= X
MAX483/MAX487; DE = 0, RE = VCC
600
500
400
300
200
100
0
SUPPLY CURRENT vs. TEMPERATURE
-50
-25 0
25
50
75
100
125
-60 -40 -
20
0
20
40
60 80 100 120 140
TEMPERATURE (
°C)
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com