Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX489 Datasheet(PDF) 13 Page - Tiger Electronic Co.,Ltd

Part # MAX489
Description  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 Datasheet(HTML) 13 Page - Tiger Electronic Co.,Ltd

Back Button MAX489 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Line Length vs. Data Rate
The RS-485/RS-422 standard covers line lengths up to
4000 feet. For line lengths greater than 4000 feet, see
Figure 23.
Figures 19 and 20 show the system differential voltage
for the parts driving 4000 feet of 26AWG twisted-pair
wire at 110kHz into 120Ω loads.
Typical Applications
The MAX481, MAX483, MAX485, MAX487–MAX491, and
MAX1487 transceivers are designed for bidirectional data
communications on multipoint bus transmission lines.
Figures 21 and 22 show typical network applications
circuits. These parts can also be used as line
repeaters, with cable lengths longer than 4000 feet, as
shown in Figure 23.
To minimize reflections, the line should be terminated at
both ends in its characteristic impedance, and stub
lengths off the main line should be kept as short as possi-
ble. The slew-rate-limited MAX483 and MAX487–MAX489
are more tolerant of imperfect termination.
DI
VY-VZ
RO
5V
0V
1V
0V
-1V
5V
0V
DI
VY-VZ
RO
5V
0V
1V
0V
-1V
5V
0V
2µs/div
2µs/div
Figure 19. MAX481/MAX485/MAX490/MAX491/MAX1487 System
Differential Voltage at 110kHz Driving 4000ft of Cable
Figure 20. MAX483, MAX487–MAX489 System Differential
Voltage at 110kHz Driving 4000ft of Cable
120Ω
120Ω
B
B
DE
DI
D
D
DI
DE
A
B
A
RO
R
RE
B
A
A
R
RO
RE
R
R
MAX481
D
D
MAX483
MAX485
MAX487
MAX1487
Figure 21.
MAX481/MAX483/MAX48
5/MAX487/MAX1487
Typical Half-Duplex RS-
485 Network
DI
DE
RO RE
DI
DE
RO RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com