Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7262 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC7262
Description  DUAL CMOS LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7262 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC7262 Datasheet HTML 1Page - Impala Linear Corporation ILC7262 Datasheet HTML 2Page - Impala Linear Corporation ILC7262 Datasheet HTML 3Page - Impala Linear Corporation ILC7262 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dual CMOS LDO
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
June 1996
ILC7262 1.0
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Continuous Total
Power Dissipation
Pd
300
mW
Operating Ambient Temperature
Topr
-30~+80
°C
Storage Temperature
Tstg
-40~+125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
ISS
VIN = 6.0V
2.2
6.0
µA
Input Voltage
VIN
10.0
V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
IOUT = 40mA, VIN = 6.0V
4.90
5.0
5.10
V
Maximum Output Current
IOUTmax
VIN =6.0V, VOUT > 4.5V
250
mA
Load Stability
∆V
OUT
VIN = 6.0V, 1mA < IOUT < 100mA
40
80
mV
Input/Output
Voltage Differential
Vdif
IOUT = 100mA
IOUT = 200mA
120
380
300
600
mV
Input Stability
∆V
OUT
∆V
IN • VOUT
IOUT = 40mA
6.0V < VIN < 10.0V
0.2
0.3
%/V
Output Voltage
Temperature Characteristics
∆V
OUT
∆T
opr • VOUT
IOUT = 40mA
-30°C < Topr < 80°C
±100
ppm/°C
Note:
1. VOUT means the output voltage when “VOUT + 1.0V” is provided at the VIN pin while maintaing a certain IOUT value.
2. Vdif is defined as “VIN-VOUT” where VOUT = VSET x 0.98.
Note: The total of IOUT’s must be less than Pd / (VIN-VOUT1) + Pd / (VIN-VOUT2)
Absolute Maximum Ratings (TA = 25°C)
Electrical Characteristics
ILC7262 COMMON CHARACTERISTICS TA = 25°C.
Electrical Characteristics ILC7262
VOUT SECTION: VOUT(T) = 5.0V, TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com