Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7262 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC7262
Description  DUAL CMOS LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7262 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC7262 Datasheet HTML 1Page - Impala Linear Corporation ILC7262 Datasheet HTML 2Page - Impala Linear Corporation ILC7262 Datasheet HTML 3Page - Impala Linear Corporation ILC7262 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dual CMOS LDO
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
June 1996
ILC7262 1.0
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs INPUT VOLTAGE
OUTPUT VOLTAGE vs INPUT VOLTAGE
LINE TRANSIENT RESPONSE
VDO vs OUTPUT CURRENT
ILC7262CM 3.0V SECTION
ILC7262CM 3.0V SECTION
ILC7262CM 3.0V SECTION
ILC7262CM 3.0V SECTION
ILC7262CM 5.0V SECTION
ILC7262CM 3.0V SECTION
3.1
3.0
2.9
2.8
0
20
40
60
80
100
120
140
160
OUTPUT CURRENT IOUT (mA)
VIN = 4.0V
Topr = -30°C
Topr = 25°C
Topr = 25°C
IOUT = 1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 10mA
VIN = 4.0V
Input Voltage
Output Voltage
40mA
40mA
10mA
Topr = 25°C
25°C
80°C
80°C
-30°C
0.6
0.5
0.4
0.3
0.2
0.0
-0.2
0
20
40
60
80
100
120
140
160
OUTPUT CURRENT IOUT (mA)
3.2
3.0
2.8
2.6
2.4
2.2
2.5
3.0
3.5
INPUT VOLTAGE VIN (V)
Topr(°C)
3.2
3.0
2.8
2.6
2.4
2.2
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
INPUT VOLTAGE VIN (V)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
-1
0
1
2
3
TIME (ms)
3.01
3.00
2.99
2.98
2.97
2.96
2.95
2.94
-40
-20
0
20
40
60
80
100
Typical Performance Characteristics General conditions for all curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com