Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7262 Datasheet (PDF) - Impala Linear Corporation

ILC7262 Datasheet PDF - Impala Linear Corporation
Part # ILC7262
Download  ILC7262 Download
File Size   199.82 Kbytes
Page   4 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description DUAL CMOS LDO

ILC7262 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC7262 Datasheet PDF - Impala Linear Corporation

Part # ILC7262
Download  ILC7262 Click to download

File Size   199.82 Kbytes
Page   4 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description DUAL CMOS LDO

ILC7262 Datasheet (HTML) - Impala Linear Corporation


ILC7262 Product details

General Description
Dual 125mA CMOS LDO in an SO-8 package. This part offers 120mV dropout voltage on each output at 100mA typical (5V part), and nearly zero dropout below 5mA. Each output is independently short-circuit protected.

Features
• All-CMOS design in an 8-lead SOIC package
• ±2% precision outputs
• 2.2µA of Iq
• Short-circuit protected outputs
• Voltage options allow:
    Dual 50mA 5.0 & 3.3V Regulator
    Dual 50mA 5.0 & 3.0V Regulator
    Dual 125mA 5V to 3.0V & 3.3V Convertor

Applications
• Battery-powered Equipment
• Portable communications
• PDAs and palmtops




Similar Part No. - ILC7262

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2530X FAIRCHILD-ILC7280AR2530X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2828X FAIRCHILD-ILC7280AR2828X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2830X FAIRCHILD-ILC7280AR2830X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
More results


Similar Description - ILC7262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
Dual 200mA CMOS LDO Voltage Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
CMOS Dual 400mA LDO Regulator
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
CMOS Dual 400mA LDO Regulator
logo
Bookly Micro electronic
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
CMOS LDO
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
CMOS LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com