Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3440 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 4 Page - Semtech Corporation

  GS3440 Datasheet HTML 1Page - Semtech Corporation GS3440 Datasheet HTML 2Page - Semtech Corporation GS3440 Datasheet HTML 3Page - Semtech Corporation GS3440 Datasheet HTML 4Page - Semtech Corporation GS3440 Datasheet HTML 5Page - Semtech Corporation GS3440 Datasheet HTML 6Page - Semtech Corporation GS3440 Datasheet HTML 7Page - Semtech Corporation GS3440 Datasheet HTML 8Page - Semtech Corporation GS3440 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
4 of 23
Proprietary and Confidential
1. Pin Out
1.1 GS3440 Pin Assignment
Figure 1-1: GS3440 Pin Out
1.2 GS3440 Pin Descriptions
Ground Pad
(bottom of package)
GS3440
16-pin QFN
(top view)
56
7
8
16
15
14
13
GAIN_SEL
VEE_A
SDI
1
2
3
4
SDI
VEE_O
DDO
DDO
OP_CTL
12
11
10
9
Table 1-1: GS3440 Pin Descriptions
Pin Number
Name
Timing
Type
Description
1
VEE_A
Analog
Power
Most negative power supply connection for the input buffer, core
and control circuits.
Connect to GND.
2, 3
SDI, SDI
Analog
Input
Serial digital differential input.
4
GAIN_SEL
Not
Synchronous
Input
Input Sensitivity Control.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V input that is tolerant to 3.3V levels.
When HIGH, the device compensates for an additional 6dB of loss
across the entire operating band.
This pin has an internal pull-down resistor.
5, 6
AGC, AGC
Analog
–
External AGC capacitor connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com