Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3440 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 3Page - Semtech Corporation GS3440 Datasheet HTML 4Page - Semtech Corporation GS3440 Datasheet HTML 5Page - Semtech Corporation GS3440 Datasheet HTML 6Page - Semtech Corporation GS3440 Datasheet HTML 7Page - Semtech Corporation GS3440 Datasheet HTML 8Page - Semtech Corporation GS3440 Datasheet HTML 9Page - Semtech Corporation GS3440 Datasheet HTML 10Page - Semtech Corporation GS3440 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
7 of 23
Proprietary and Confidential
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage - Core/Output Driver
-0.5V to +3.6V DC
Input ESD Voltage (HBM)
5kV
Storage Temperature Range (Ts)
-50°C to 125°C
Input Voltage Range (any input)
-0.3 to (VCC_A +0.3)V
Operating Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Note: Absolute Maximum Ratings are those values beyond which damage may occur.
Functional operation outside of the ranges shown in Table 2-1 is not implied.
Table 2-2: DC Electrical Characteristics
VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage - Core
VCC_A
–
3.135
3.3
3.465V
–
Supply Voltage - Output
Driver
VCC_O
–1.14
1.2
1.26
V
1
–
2.375
2.5
2.625
V
1
–
3.135
3.3
3.465V
1
Power Consumption
PD
VCC_O = 1.2V
ΔVDDO = 425mVppd
–
180
215
mW
2
VCC_O = 1.2V
ΔVDDO = 850mVppd
–
195
230
mW
2
VCC_O = 2.5V
ΔVDDO = 425mVppd
–196
231
mW
2
VCC_O = 2.5V
ΔVDDO = 850mVppd
–
221
261mW
2
VCC_O = 3.3V
ΔVDDO = 425mVppd
–
202
242
mW
2
VCC_O = 3.3V
ΔVDDO = 850mVppd
–
240
283
mW
2
Supply Current - Core
Is
–
–
53
59
mA
2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com