Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3440 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 2 Page - Semtech Corporation

  GS3440 Datasheet HTML 1Page - Semtech Corporation GS3440 Datasheet HTML 2Page - Semtech Corporation GS3440 Datasheet HTML 3Page - Semtech Corporation GS3440 Datasheet HTML 4Page - Semtech Corporation GS3440 Datasheet HTML 5Page - Semtech Corporation GS3440 Datasheet HTML 6Page - Semtech Corporation GS3440 Datasheet HTML 7Page - Semtech Corporation GS3440 Datasheet HTML 8Page - Semtech Corporation GS3440 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
2 of 23
Proprietary and Confidential
Description (continued)
The device comes in a 16-pin, 4mm x 4mm QFN package and is footprint compatible with Semtech’s GS2974A, GS2974B,
GS2984 and GS2994 equalizers.
Power consumption of the GS3440 is typically 180mW when DC-coupled at 1.2V.
The GS3440 is Pb-free, and the encapsulation compound does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are RoHS compliant.
GS3440 Functional Block Diagram
Equalizer
Output
AGC
SDI
SLEEP
DDO
BYPASS
CD
SDI
DDO
AGC
AGC
SQ_ADJ
Squelch Adjust
Carrier Detect
Mute
DC
Restore
VCC_O
VEE_O
OP_CTL
VCC_A
VEE_A
GAIN_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com