Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8255 Datasheet(PDF) 4 Page - InnovASIC, Inc

Part # IA8255
Description  Programmable Peripheral Interface Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8255 Datasheet(HTML) 4 Page - InnovASIC, Inc

  IA8255 Datasheet HTML 1Page - InnovASIC, Inc IA8255 Datasheet HTML 2Page - InnovASIC, Inc IA8255 Datasheet HTML 3Page - InnovASIC, Inc IA8255 Datasheet HTML 4Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
IA8255
Advanced Information Sheet
Programmable Peripheral Interface Adapter
Copyright
© 1999, InnovASIC Inc.
Customer Specific IC Solutions
Package Designator Table
Package Type
innovASIC
Designator
Ceramic side brazed Dual In-line
CDB
Cerdip with window
CDW
Ceramic leaded chip carrier
CLC
Cerdip without window
CD
Ceramic leadless chip carrier
CLL
PLCC
PLC
Plastic DIP standard (300 mil)
PD
Plastic DIP standard (600 mil)
PDW
Plastic metric quad flat pack
PQF
Plastic thin quad flat pack
PTQ
Skinny Cerdip
CDS
Small outline plastic gull-wing(150 mil body)
PSO
Small outline medium plastic gull-wing (207 mil body)
PSM
Small outline narrow plastic gull wing (150 mil body)
PSN
Small outline wide plastic gull wing (300 mil body)
PSW
Skinny Plastic Dip
PDS
Shrink small outline plastic (5.3mm .208 body)
PS
Thin shrink small outline plastic
PTS
Small outline large plastic gull wing (330 mil body)
PSL
Thin small outline plastic gull-wing (8 x 20mm) [TSOP]
PST
PGA
CPGA
BGA
CBGA
Contact innovASIC for other package and processing options.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com