Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8255 Datasheet(PDF) 2 Page - InnovASIC, Inc

Part # IA8255
Description  Programmable Peripheral Interface Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8255 Datasheet(HTML) 2 Page - InnovASIC, Inc

  IA8255 Datasheet HTML 1Page - InnovASIC, Inc IA8255 Datasheet HTML 2Page - InnovASIC, Inc IA8255 Datasheet HTML 3Page - InnovASIC, Inc IA8255 Datasheet HTML 4Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
IA8255
Advanced Information Sheet
Programmable Peripheral Interface Adapter
Copyright
© 1999, InnovASIC Inc.
Customer Specific IC Solutions
The IA8255 is a programmable peripheral interface adapter mega-function designed to be
functionally equivalent to the Intel 8255A and Harris 82C55A devices. This function has 24 I/O
signals programmable in two groups of 12. Three modes of operation allow the following:
•
Basic Input/Output (Mode 0) - Port A, Port B, Port C (upper), and Port C (lower) can be
independently configured as inputs or outputs to read or hold static data. Outputs are
latched, but inputs are not latched.
•
Strobed Input/Output (Mode 1) - Port A and Port B can be independently configured as
strobed input or output buses. Signals from Port C are dedicated as control signals for data
handshaking.
•
Bidirectional Bus (Mode 2) - Port A can also be configured as a bidirectional bus, with the
majority of Port C providing the control signals. In this case, Port B is still capable of
implementing one of the previous described modes.
A block diagram is shown in Figure 1.
Functional Block Diagram
Figure 1
DATA BUS
BUFFER
GROUP A
CONTROL
GROUP B
CONTROL
8 BIT INTERNAL
DATA BUS
GROUP A
PORT A
(8)
GROUP A
PORT C
UPPER (4)
GROUP B
PORT C
LOWER
(4)
GROUP B
PORT B
(8)
CONTROL
REGISTER AND
LOGIC
A0
A1
CS_n
RESET
RD_n
WR_n
D7:D0
I/O
PA7:PA0
I/O
PC7:PC4
I/O
PC3:PC0
I/O
PB7:PB0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com