Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8255 Datasheet(PDF) 1 Page - InnovASIC, Inc

Part # IA8255
Description  Programmable Peripheral Interface Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8255 Datasheet(HTML) 1 Page - InnovASIC, Inc

  IA8255 Datasheet HTML 1Page - InnovASIC, Inc IA8255 Datasheet HTML 2Page - InnovASIC, Inc IA8255 Datasheet HTML 3Page - InnovASIC, Inc IA8255 Datasheet HTML 4Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
IA8255
Advanced Information Sheet
Programmable Peripheral Interface Adapter
Copyright
© 1999, InnovASIC Inc.
Customer Specific IC Solutions
FEATURES
•
Form, Fit, and Function Compatible with the Intel
® 8255A and Harris©
82C55A
•
Packaging options available: 40 Pin Plastic DIP or 44 Pin Plastic Leaded
Chip Carrier
•
24 Programmable Input/Outputs
•
Static Read/Write or Handshaking Modes
•
Direct Bit Set/Reset Capability
•
High Speed, No “Wait State” Operation
The IA8255 uses innovASIC’s innovative new f 3 Program to provide industry with parts that
other vendors have declared obsolete. By specifying parts through this program a customer is
assured of never having a component become obsolete again. This advanced information sheet
assumes the original part has been designed in, and so provides a summary of capabilities only. For
new designs contact innovASIC for more detailed information.
Intel is a registered trademark of Intel Corporation
Harris is a copyright trademark of Harris Corporation
Package Pinout
(6)
(1)
(2)
(3)
(4)
(5)
(7)
(8)
(9)
A0
(10)
PC7
(11)
PC6
(12)
PC5
(13)
PC4
(14)
40 Pin DIP
IA8255
D2
D3
D4
D5
(20)
PB2
(15)
PC1
(16)
PC2
(17)
PC3
(18)
PB0
(19)
PB1
(21)
(22)
(23)
(24)
PB4
PB3
(40)
(39)
(38)
(37)
(36)
(35)
(34)
(33)
(32)
(31)
(30)
(29)
(28)
(27)
(26)
(25)
PC0
PB6
PB5
VCC
PB7
D6
D7
D0
D1
WR_n
RESET
PA6
PA7
PA4
PA5
CS_n
PA3
PA2
PA1
PA0
RD_n
GND
A1
44 Pin LCC
IA8255
(12)
N. C.
(7)
CS_n
(8)
GND
(9)
A1
(10)
A0
(11)
PC7
(13)
PC6
(14)
PC5
(15)
PC4
(16)
PC0
(17)
PC1
RESET
D4
N. C.
D3
D1
D0
(34)
(39)
(38)
(37)
(36)
(35)
(33)
(32)
(31)
(30)
(29)
VCC
D7
D6
D5
D2


Similar Part No. - IA8255

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
Programmable Communication Interface
IA8251-PDW28C INNOVASIC-IA8251-PDW28C Datasheet
45Kb / 4P
Programmable Communication Interface
IA8251-PDW28I INNOVASIC-IA8251-PDW28I Datasheet
45Kb / 4P
Programmable Communication Interface
IA8251-PLC28C INNOVASIC-IA8251-PLC28C Datasheet
45Kb / 4P
Programmable Communication Interface
IA8251-PLC28I INNOVASIC-IA8251-PLC28I Datasheet
45Kb / 4P
Programmable Communication Interface
More results

Similar Description - IA8255

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Motorola, Inc
MC6821 MOTOROLA-MC6821 Datasheet
1Mb / 10P
PERIPHERAL INTERFACE ADAPTER
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
California Micro Device...
G65SC21 CALMIRCO-G65SC21 Datasheet
605Kb / 10P
CMOS Peripheral Interface Adapter
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
PERIPHERAL INTERFACE ADAPTER
logo
Altera Corporation
A8255 ALTERA-A8255 Datasheet
250Kb / 13P
PROGRAMMABLE PERIPHERAL INTERFACE ADAPTER
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
Programmable Peripheral Interface
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
Programmable Peripheral Interface
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com