Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E28F004SC-85 Datasheet(PDF) 15 Page - Intel Corporation

Part # E28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-85 Datasheet(HTML) 15 Page - Intel Corporation

Back Button E28F004SC-85 Datasheet HTML 11Page - Intel Corporation E28F004SC-85 Datasheet HTML 12Page - Intel Corporation E28F004SC-85 Datasheet HTML 13Page - Intel Corporation E28F004SC-85 Datasheet HTML 14Page - Intel Corporation E28F004SC-85 Datasheet HTML 15Page - Intel Corporation E28F004SC-85 Datasheet HTML 16Page - Intel Corporation E28F004SC-85 Datasheet HTML 17Page - Intel Corporation E28F004SC-85 Datasheet HTML 18Page - Intel Corporation E28F004SC-85 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
15
PRELIMINARY
Table 3. Bus Operations
Mode
Notes
RP#
CE#
OE#
WE#
Address
VPP
DQ0–7
RY/BY#
Read
1,2,3
VIH or
VHH
VIL
VIL
VIH
XX
DOUT
X
Output Disable
3
VIH or
VHH
VIL
VIH
VIH
X
X
High Z
X
Standby
3
VIH or
VHH
VIH
X
X
X
X
High Z
X
Deep Power-Down
4
VIL
X
X
X
X
X
High Z
VOH
Read Identifier Codes
VIH or
VHH
VIL
VIL
VIH
See
Figure 5
X
Note 5
VOH
Write
3,6,7
VIH or
VHH
VIL
VIH
VIL
XX
DIN
X
NOTES:
1. Refer to
DC Characteristics. When VPP
≤ VPPLK, memory contents can be read, but not altered.
2. X can be V
IL or VIH for control and address input pins and VPPLK or VPPH1/2/3 for VPP. See DC Characteristics for VPPLK and
VPPH1/2/3 voltages.
3. RY/BY# is VOL when the WSM is executing internal block erase, program, or lock-bit configuration algorithms. It is VOH
when the WSM is not busy, in block erase suspend mode (with program inactive), program suspend mode, or deep power-
down mode.
4. RP# at GND ± 0.2 V ensures the lowest deep power-down current.
5. See Section 4.2 for read identifier code data.
6. Command writes involving block erase, write, or lock-bit configuration are reliably executed when VPP = VPPH1/2/3 and
VCC = VCC2/3 (see Section 6.2 for operating conditions).
7. Refer to Table 4 for valid DIN during a write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com