Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E28F004SC-85 Datasheet(PDF) 22 Page - Intel Corporation

Part # E28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-85 Datasheet(HTML) 22 Page - Intel Corporation

Back Button E28F004SC-85 Datasheet HTML 18Page - Intel Corporation E28F004SC-85 Datasheet HTML 19Page - Intel Corporation E28F004SC-85 Datasheet HTML 20Page - Intel Corporation E28F004SC-85 Datasheet HTML 21Page - Intel Corporation E28F004SC-85 Datasheet HTML 22Page - Intel Corporation E28F004SC-85 Datasheet HTML 23Page - Intel Corporation E28F004SC-85 Datasheet HTML 24Page - Intel Corporation E28F004SC-85 Datasheet HTML 25Page - Intel Corporation E28F004SC-85 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
22
PRELIMINARY
SR.7 =
0
1
Start
Write 20H,
Block Address
Write D0H,
Block Address
Full Status
Check if Desired
Block Erase
Complete
FULL STATUS CHECK PROCEDURE
1
0
Read Status Register
Data (See Above)
1
0
Read Status
Register
Suspend
Block Erase
Suspend Block
Erase Loop
Yes
No
1
0
Command Sequence
Error
SR.3 =
SR.5 =
SR.4,5 =
Block Erase
Error
Bus
Operation
Command
Comments
Standby
Check SR.4,5
Both 1 = Command Sequence Error
Standby
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status
Register command in cases where multiple blocks are erased
before full status is checked.
If error is detected, clear the Status Register before attempting
retry or other error recovery.
Check SR.5
1 = Block Erase Error
Standby
Bus
Operation
Command
Comments
Write
Write
Erase Setup
Read
Data = 20H
Addr = Within Block to Be Erased
Check SR.7
1 = WSM Ready
0 = WSM Busy
Repeat for subsequent block erasures.
Full status check can be done after each block erase, or after a
sequence of block erasures.
Write FFH after the last operation to place device in read array mode.
Status Register Data
Standby
Erase
Confirm
Data = D0H
Addr = Within Block to Be Erased
Block Erase
Successful
Standby
Check SR.1
1 = Device Protect Detect
RP# = V
, Block Lock-Bit Is Set
Only required for systems
implementing lock-bit configuration
0
1
Device Protect Error
SR.1 =
Check SR.3
1 = V
Error Detect
PP
IH
V
Range Error
PP
Figure 7. Automated Block Erase Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com