Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E28F004SC-85 Datasheet(PDF) 5 Page - Intel Corporation

Part # E28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-85 Datasheet(HTML) 5 Page - Intel Corporation

  E28F004SC-85 Datasheet HTML 1Page - Intel Corporation E28F004SC-85 Datasheet HTML 2Page - Intel Corporation E28F004SC-85 Datasheet HTML 3Page - Intel Corporation E28F004SC-85 Datasheet HTML 4Page - Intel Corporation E28F004SC-85 Datasheet HTML 5Page - Intel Corporation E28F004SC-85 Datasheet HTML 6Page - Intel Corporation E28F004SC-85 Datasheet HTML 7Page - Intel Corporation E28F004SC-85 Datasheet HTML 8Page - Intel Corporation E28F004SC-85 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
5
PRELIMINARY
1.0
INTRODUCTION
This
datasheet
contains
4-,
8-,
and
16-Mbit
SmartVoltage
FlashFile
memory
specifications.
Section 1.0 provides a flash memory overview.
Sections 2.0, through 5.0 describe the memory
organization and functionality. Section 6.0 covers
electrical
specifications
for
commercial
and
extended temperature product offerings. Section
7.0 contains ordering information. Finally, the byte-
wide
SmartVoltage
FlashFile
memory
family
documentation also includes application notes and
design tools which are referenced in Section 8.0.
1.1
New Features
The byte-wide SmartVoltage FlashFile memory
family
maintains
backwards-compatibility
with
Intel’s
28F008SA
and
28F008SA-L.
Key
enhancements include:
• SmartVoltage Technology
• Enhanced Suspend Capabilities
• In-System Block Locking
They share a compatible status register, software
commands, and pinouts. These similarities enable
a
clean
upgrade
from
the
28F008SA
and
28F008SA-L to byte-wide SmartVoltage FlashFile
products. When upgrading, it is important to note
the following differences:
• Because of new feature and density options,
the devices have different device identifier
codes. This allows for software optimization.
• VPPLK has been lowered from 6.5 V to 1.5 V to
support low VPP voltages during block erase,
program, and lock-bit configuration operations.
Designs
that
switch
VPP off during read
operations should transition VPP to GND.
• To take advantage of SmartVoltage tech-
nology, allow VPP connection to 3.3 V or 5 V.
For more details see application note
AP-625,
28F008SC Compatibility with 28F008SA (order
number 292180)
.
1.2
Product Overview
The byte-wide SmartVoltage FlashFile memory
family
provides
density
upgrades
with
pinout
compatibility for the 4-, 8-, and 16-Mbit densities.
The 28F004SC, 28F008SC, and 28F016SC are
high-performance
memories
arranged
as
512 Kbyte, 1 Mbyte, and 2 Mbyte of 8 bits. This
data is grouped in eight, sixteen, and thirty-two
64-Kbyte blocks which are individually erasable,
lockable,
and
unlockable
in-system.
Figure
4
illustrates the memory organization.
SmartVoltage
technology
enables
fast
factory
programming
and
low-power
designs.
These
components support read operations at 2.7 V (read-
only), 3.3 V, and 5 V VCC and block erase and
program operations at 3.3 V, 5 V, and 12 V VPP.
The 12 V VPP option renders the fastest program
and erase performance which will increase your
factory throughput. With the 3.3 V and 5 V VPP
option, VCC and VPP can be tied together for a
simple and voltage flexible design. This voltage
flexibility is key for removable media that need to
operate in a 3 V to 5 V system. In addition, the
dedicated VPP pin gives complete data protection
when VPP
≤ VPPLK.
Table 1. SmartVoltage Flash
VCC and VPP Voltage Combinations
VCC Voltage
VPP Voltage
2.7 V(1)
3.3 V
3.3 V, 5 V, 12 V
5 V
5 V, 12 V
NOTE:
1.
Block erase, program, and lock-bit configuration
operation with VCC, 3.0 V are not supported.
Internal
VCC
and
VPP
detection
circuitry
automatically configures the device for optimum
performance.
A Command User Interface (CUI) serves as the
interface
between
the
system
processor
and
internal operation of the device. A valid command
sequence written to the CUI
initiates
device
automation. An internal Write State Machine (WSM)
automatically executes the algorithms and timings
necessary for block erase, program, and lock-bit
configuration operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com