Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC80960HD32SL2GL Datasheet(PDF) 85 Page - Intel Corporation

Part # FC80960HD32SL2GL
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL Datasheet(HTML) 85 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 81Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 82Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 83Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 84Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 85Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 86Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 87Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 88Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
79
XINT7BAR
Input
Appears as XINTBAR(7:0) in
BSDL file.
XINT6BAR
Input
XINT5BAR
Input
XINT4BAR
Input
XINT3BAR
Input
XINT2BAR
Input
XINT1BAR
Input
XINT0BAR
Input
RESETBAR
Input
CLKIN
Input
CT3
Output
Appears as CT(3:0) in BSDL file.
CT2
Output
CT1
Output
CT0
Output
PCHK
Output
Appears as PCHKBAR in BSDL
file.
PCHK enable
Control
Table 25. 80960Hx Boundary Scan Chain (Sheet 4 of 4)
#
BOUNDARY SCAN CELL
CELL TYPE
COMMENT
NOTES:
1. Cell#1 connects to TDO and cell #112 connects to TDI.
2. All outputs are three-state.
3. In output and bidirectional signals, a logical “1” on the enable signal enables the output. A logical “0”
three-states the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com