Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC80960HD32SL2GL Datasheet(PDF) 36 Page - Intel Corporation

Part # FC80960HD32SL2GL
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL Datasheet(HTML) 36 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 32Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 33Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 34Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 35Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 36Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 37Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 38Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 39Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
80960HA/HD/HT
30
Advance Information Datasheet
4.3
Recommended Connections
Power and ground connections must be made to multiple VCC and VSS (GND) pins. Every
80960Hx-based circuit board should include power (VCC) and ground (VSS) planes for power
distribution. Every VCC pin must be connected to the power plane; every VSS pin must be connected to
the ground plane. Pins identified as “NC” —no connect pins—must not be connected in the system.
Liberal decoupling capacitance should be placed near the 80960Hx. The processor can cause transient
power surges when its output buffers transition, particularly when connected to large capacitive loads.
Low inductance capacitors and interconnects are recommended for best high-frequency electrical
performance. Inductance can be reduced by shortening the board traces between the processor and
decoupling capacitors as much as possible. Capacitors specifically designed for PGA packages
offer the lowest possible inductance.
For reliable operation, always connect unused inputs to an appropriate signal level. In particular,
any unused interrupt (XINT7:0,NMI) input should be connected to VCC through a pull-up resistor,
as should BTERM if not used. Pull-up resistors should be in the range of 20 K
Ω for each pin tied
high. If READY or HOLD are not used, the unused input should be connected to ground. N.C. pins
must always remain unconnected.
4.4
VCC5 Pin Requirements (VDIFF)
In mixed-voltage systems that drive 80960Hx processor inputs in excess of 3.3 V, the VCC5 pin must
be connected to the system’s 5 V supply. To limit current flow into the VCC5 pin, there is a limit to
the voltage differential between the VCC5 pin and the other VCC pins. The voltage differential
between the 80960Hx VCC5 pin and its 3.3 V VCC pins should never exceed 2.25 V. This limit
applies to power-up, power-down, and steady-state operation. Table 20 outlines this requirement.
Meeting this requirement ensures proper operation and guarantees that the current draw into the
VCC5 pin does not exceed the ICC5 specification.
If the voltage difference requirements cannot be met due to system design limitations, an alternate
solution may be employed. As shown in Figure 7, a minimum of 100
Ω series resistor may be used
to limit the current into the VCC5 pin. This resistor ensures that current drawn by the VCC5 pin
does not exceed the maximum rating for this pin.
This resistor is not necessary in systems that can guarantee the VDIFF specification.
In 3.3 V-only systems and systems that drive 80960Hx pins from 3.3 V logic, connect the VCC5
pin directly to the 3.3 V VCC plane.
Figure 7. VCC5 Current-Limiting Resistor
+5 V (±0.25 V)
VCC5 Pin
100
Ω
(±5%, 0.5 W)
Table 20. VDIFF Specification for Dual Power Supply Requirements (3.3 V, 5 V)
Sym
Parameter
Min
Max
Units
Notes
VDIFF
VCC5-VCC
Difference
2.25
V
VCC5 input should not exceed VCC by more than 2.25 V during
power-up and power-down, or during steady-state operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com