Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC80960HD32SL2GL Datasheet(PDF) 68 Page - Intel Corporation

Part # FC80960HD32SL2GL
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL Datasheet(HTML) 68 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 64Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 65Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 66Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 67Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 68Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 69Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 70Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 71Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
80960HA/HD/HT
62
Advance Information Datasheet
Figure 45. Burst, Pipelined Read Request with Wait States, 8-Bit Bus
ADS
A31:4, SUP,
CT3:0, D/C,
LOCK
W/R
A3:2
BE1/A1,
WAIT
BLAST
DT/R
DEN
CLKIN
D7:0
Byte 0
D7:0
Byte 1
D7:0
Byte 2
D7:0
Byte 3
D7:0
D'
A2
1
D
1
D
1
D
1
A'
21
D
D'
In-
valid
Valid
In-
valid
BE0/A0
D31:0,
A3:2 = 00, 01, 10, or 11
Valid
In-
valid
A1:0 = 00
A1:0 = 01
A1:0 = 10
A1:0 = 11
Valid
Valid
In-
valid
DP3:0
1. Non-pipelined request concludes, pipelined reads begin
2. Pipelined reads conclude, non-pipelined requests begin
PCHK
2
Burst
Bus
Width
Odd
Parity
NXDA
NWDD
NWAD
NRDD
29
28
21
24
23-22
20
12-8
19-16
15-14
7-6
4-0
Enabled
1
ON
1
X
xxxx
8-Bit
X
x
Enabled
1
X
xx
X
xxxxx
1
01
X
x
2
00010
Function
Bit
Value
External
Ready
Control
Pipe-
Lining
Parity
Enable
NRAD
00
NOTE: Bits 31-30, 27-25, 13, and 5 are reserved.
PMCON
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com