Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5259_15 Datasheet HTML 5Page - Analog Devices AD5259_15 Datasheet HTML 6Page - Analog Devices AD5259_15 Datasheet HTML 7Page - Analog Devices AD5259_15 Datasheet HTML 8Page - Analog Devices AD5259_15 Datasheet HTML 9Page - Analog Devices AD5259_15 Datasheet HTML 10Page - Analog Devices AD5259_15 Datasheet HTML 11Page - Analog Devices AD5259_15 Datasheet HTML 12Page - Analog Devices AD5259_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5259
Rev. C | Page 9 of 24
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
256
224
192
160
128
96
64
32
CODE (Decimal)
–40
°C
+85
°C
+25
°C
Figure 12. R-INL vs. Code vs. Temperature
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
256
224
192
160
128
96
64
32
CODE (Decimal)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 13. R-DNL vs. Code vs. Temperature
0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
–40
–20
80
60
40
20
0
TEMPERATURE (
°C)
FSE @ VDD = 2.7V
FSE @ VDD = 5.5V
Figure 14. Full-Scale Error vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–20
80
60
40
20
0
TEMPERATURE (
°C)
ZSE @ VDD = 2.7V
ZSE @ VDD = 5.5V
Figure 15. Zero-Scale Error vs. Temperature
1
0.1
–40
–20
80
60
40
20
0
TEMPERATURE (
°C)
VDD = 5.5V
Figure 16. Supply Current vs. Temperature
6
–1
0
1
2
3
4
5
–40
–20
80
60
40
20
0
TEMPERATURE (
°C)
VDD = 2.7V
VDD = 5.5V
Figure 17. Logic Supply Current vs. Temperature vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com