Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5259_15 Datasheet HTML 14Page - Analog Devices AD5259_15 Datasheet HTML 15Page - Analog Devices AD5259_15 Datasheet HTML 16Page - Analog Devices AD5259_15 Datasheet HTML 17Page - Analog Devices AD5259_15 Datasheet HTML 18Page - Analog Devices AD5259_15 Datasheet HTML 19Page - Analog Devices AD5259_15 Datasheet HTML 20Page - Analog Devices AD5259_15 Datasheet HTML 21Page - Analog Devices AD5259_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5259
Data Sheet
Rev. C | Page 18 of 24
TOLERANCE READBACK MODES
Table 15. Traditional Readback of Tolerance (Individually)
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 1 1 1 1 1 0 SA S
7-Bit Device Address
(See Table 5)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Sign + Integer Byte
↑
Repeat start
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 1 1 1 1 1 1 SA S
7-Bit Device Address
(See Table 5)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Decimal Byte
↑
Repeat start
Table 16.Traditional Readback of Tolerance (Consecutively)
S
7-Bit Device
Address
(See Table 5)
0 SA 0 0 1 1 1 1 1 0 SA S
7-Bit Device
Address
(See Table 5)
1 SA D7 D6 D5 D4 D3 D2 D1 D0 MA D7 D6 D5 D4 D3 D2 D1 D0 NA P
Slave Address
Byte
Instruction Byte
Slave Address
Byte
Sign + Integer Byte
Decimal Byte
↑
Repeat start
Calculating RAB Tolerance Stored in Read-Only Memory
A
A
A
D7
D6
D5
D4
D3
D2
D1
D0
SIGN
SIGN
7 BITS FOR INTEGER NUMBER
26
25
24
23
22
21
20
D7
D6
D5
D4
D3
D2
D1
D0
8 BITS FOR DECIMAL NUMBER
2–8
2–1
2–2
2–3
2–4
2–5
2–6
2–7
Figure 41. Format of Stored Tolerance in Sign Magnitude Format with Bit Position Descriptions.
(Unit is Percent. Only Data Bytes are Shown.)
The AD5259 features a patented RAB tolerance storage in the
nonvolatile memory. The tolerance is stored in the memory
during factory production and can be read by users at any time.
The knowledge of stored tolerance allows users to accurately
calculate RAB. This feature is valuable for precision, rheostat
mode, and open-loop applications where knowledge of abso-
lute resistance is critical.
The stored tolerance resides in the read-only memory and is
expressed as a percentage. The tolerance is stored in two memory
location bytes in sign magnitude binary form (see Figure 41).
The two EEPROM address bytes are 11110 (sign + integer)
and 11111 (decimal number). The two bytes can be indi-
vidually accessed with two separate commands (see Table 15).
Alternatively, readback of the first byte followed by the second
byte can be done in one command (see Table 16). In the latter
case, the memory pointer will automatically increment from
the first to the second EEPROM location (increments from
11110 to 11111) if read consecutively.
In the first memory location, the MSB is designated for the
sign (0 = + and 1= −) and the seven LSBs are designated for
the integer portion of the tolerance. In the second memory
location, all eight data bits are designated for the decimal
portion of tolerance. Note the decimal portion has a limited
accuracy of only 0.1%. For example, if the rated RAB = 10 kΩ
and the data readback from Address 11110 shows 0001 1100,
and Address 11111 shows 0000 1111, then the tolerance can
be calculated as
MSB: 0 = +
Next 7 MSB: 001 1100 = 28
8 LSB: 0000 1111 = 15 × 2–8 = 0.06
Tolerance = +28.06%
Rounded Tolerance = +28.1% and therefore,
RAB_ACTUAL = 12.810 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com