Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 1 Page - Analog Devices

  AD5259_15 Datasheet HTML 1Page - Analog Devices AD5259_15 Datasheet HTML 2Page - Analog Devices AD5259_15 Datasheet HTML 3Page - Analog Devices AD5259_15 Datasheet HTML 4Page - Analog Devices AD5259_15 Datasheet HTML 5Page - Analog Devices AD5259_15 Datasheet HTML 6Page - Analog Devices AD5259_15 Datasheet HTML 7Page - Analog Devices AD5259_15 Datasheet HTML 8Page - Analog Devices AD5259_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Nonvolatile, I2C-Compatible
256-Position, Digital Potentiometer
Data Sheet
AD5259
Rev. C
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Nonvolatile memory maintains wiper settings
256-position
Thin LFCSP-10 (3 mm x 3 mm x 0.8 mm) package
Compact MSOP-10 (3 mm × 4.9 mm × 1.1mm) package
I2C®-compatible interface
V
LOGIC pin provides increased interface flexibility
End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Resistance tolerance stored in EEPROM (0.1% accuracy)
Power-on EEPROM refresh time < 1ms
Software write protect command
Address Decode Pin AD0 and Pin AD1 allow
4 packages per bus
100-year typical data retention at 55°C
Wide operating temperature
−40°C to +125°C
3 V to 5 V single supply
APPLICATIONS
LCD panel V
COM adjustment
LCD panel brightness and contrast control
Mechanical potentiometer replacement in new designs
Programmable power supplies
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
Fiber to the home systems
Electronics level settings
GENERAL DESCRIPTION
The AD5259 provides a compact, nonvolatile LFCSP-10
(3 mm × 3 mm) or MSOP-10 (3 mm × 4.9 mm) packaged
solution for 256-position adjustment applications. These
devices perform the same electronic adjustment function
as mechanical potentiometers1 or variable resistors, but
with enhanced resolution and solid-state reliability.
The wiper settings are controllable through an I2C-compatible
digital interface that is also used to read back the wiper register
and EEPROM content. Resistor tolerance is also stored within
EEPROM, providing an end-to-end tolerance accuracy of 0.1%.
A separate VLOGICpin delivers increased interface flexibility. For
users who need multiple parts on one bus, Address Bit AD0 and
Address Bit AD1 allow up to four devices on the same bus.
FUNCTIONAL BLOCK DIAGRAMS
RDAC
REGISTER
RDAC
DATA
CONTROL
COMMAND
DECODE LOGIC
ADDRESS
DECODE LOGIC
CONTROL LOGIC
AD5259
I2C
SERIAL
INTERFACE
POWER-
ON RESET
A
W
B
SCL
SDA
AD0
AD1
VDD
VLOGIC
GND
RDAC
EEPROM
8
8
Figure 1. Block Diagram
COMMAND
DECODE LOGIC
ADDRESS
DECODE LOGIC
CONTROL
LOGIC
SCL
SDA
AD0
AD1
GND
EEPROM
I2C
SERIAL
INTERFACE
RDAC
REGISTER
AND
LEVEL
SHIFTER
A
W
B
VLOGIC
VDD
Figure 2. Block Diagram Showing Level Shifters
CONNECTION DIAGRAM
AD5259
TOP VIEW
(Not to Scale)
W
1
AD0
2
AD1
3
SDA
4
SCL
5
A
B
VDD
GND
VLOGIC
10
9
8
7
6
Figure 3. Pinout
1 The terms digital potentiometer, VR (variable resistor), and RDAC are used
interchangeably.


Similar Part No. - AD5259_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5259BCPZ10-R7 AD-AD5259BCPZ10-R7 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
AD5259BCPZ100-R7 AD-AD5259BCPZ100-R7 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
AD5259BCPZ5-R7 AD-AD5259BCPZ5-R7 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
AD5259BCPZ50-R7 AD-AD5259BCPZ50-R7 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
AD5259BRMZ10 AD-AD5259BRMZ10 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
More results

Similar Description - AD5259_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
256-Position I2C짰-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
256-Position IC-Compatible Digital Potentiometer
REV. B
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com