Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV9-G/12-HS-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV9-G/12-HS-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV9-G/12-HS-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFV9-G/12-HS-R Datasheet HTML 1Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 2Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 3Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
54<
8NHC?>D }HHDC?>KCGFJ
-A>KLIAJ
R_XhWj_ed
h[i_ijWdY[ 9/
P[hc_dWj_ed
AedijhkYj_ed
Qd_j m[_]^j
54Fp je 84Fp 526;cc B?
84Fp je ;4Fp 8=c3i6
;4Fp je 544Fp 429cc B?
544Fp je 944Fp =<c3i6
5=:c3i6
QH=81F@ eh X[jj[h .c[[ji DIROO 746/
62<cc MA
LbWij_Y i[Wb[Z0 Bkij fhej[Yj[Z
?ffhen2 64]
Yel[h h[j[dj_ed .fkbb - fki^/> 644J c_d2
j[hc_dWb h[j[dj_ed .fkbb - fki^/> 544J c_d2
j[hc_dWb h[i_ijWdY[ je X[dZ_d]
.\hedj - i_Z[/> 54J c_d2 ;/
5/ Deh JK YedjWYji0 c[Wikh[Z m^[d Wffbo_d] 544, hWj[Z lejW][ ed Ye_b2
6/ Gdhki^ f[Wa Ykhh[dj kdZ[h bWcf beWZ0 Wj 5729RBA2
7/ 5c_d0 b[WaW][ Ykhh[dj b[ii j^Wd 5c?2
8/ P^[ lWbk[ _i c[Wikh[Z m^[d lebjW][ Zhefi ikZZ[dbo \hec dec_dWb
lebjW][ je 4 RBA WdZ Ye_b _i dej fWhWbb[b[Z m_j^ ikffh[ii_ed Y_hYk_j2
9/ S^[d [d[h]_p[Z0 ef[d_d] j_c[ e\ JK YedjWYji i^Wbb dej [nY[[Z 5ci0
m^[d ded1[d[h]_p[Z0 ef[d_d] j_c[ e\ JA YedjWYji i^Wbb dej [nY[[Z
5ci0 c[Wdj_c[0 JK YedjWYji i^Wbb dej X[ Ybei[Z2
:/ DIROO> D[Z[hWb Iejeh R[^_Yb[ OW\[jo OjWdZWhZ2
;/ P[ij fe_dj _i Wj 6cc WmWo \hec j[c_dWb [dZ0 WdZ W\j[h h[cel_d] j[ij_d]
\ehY[0 j^[ j[hc_dWb jhWdi\_]khWj_ed i^Wbb dej [nY[[Z 429cc2
DbWccWX_b_jo :/
FKJED? NCH?U
GOK=4450 GOK3PO5:=8= 0 GOK584450 KFO?O5<4450 GCAM MA 4<4444 ACNPGDGCB
6458 N[l2 5245
AedjWYj WhhWd][c[dj
IWn2 im_jY^_d] lebjW][
I_d2 YedjWYj beWZ
Cb[Yjh_YWb [dZkhWdY[
I[Y^Wd_YWb [dZkhWdY[
5?0 5A
JK>Pof264cR0694cR cWn2.Wj 54?/
JA>Pof269cR0694cR cWn2.Wj 54?/
79? .Wj 569 0 5^/
IWa[.JK/> 594? 6/
@h[Wa.JK/> 79? .N[i_ij_l[0 5729RBA/
O[[ +HeWZ b_c_j Ykhl[+
5? :RBA
O[[ +AKJP?AP B?P?+
5n54; KLO 744KLO3c_d
544I .Wj 944RBA/
X[jm[[d YedjWYji> 944R?A
X[jm[[d Ye_b - YedjWYji> 944R?A
Pof2> 9ci .Wj dec_2 leb2/
IWn2> 54ci .Wj dec_2 leb2/
Pof2> 7ci
IWn2> 54ci
184 je 569
B_[b[Yjh_Y ijh[d]j^ 7/
RebjW][ Zhef ._d_j_Wb/
IWn2im_jY^_d] Ykhh[dj
N[b[Wi[ j_c[ 8/
5r549
66
5r549
5r549
66
HeWZ
lebjW][
HeWZ jof[
Kd3K\\ hWj_e
Kd
i
K\\
i
AedjWYj
cWj[h_Wb
N[i_ij_l[
IWa[
@h[Wa
IWa[
@h[Wa
IWa[
@h[Wa
?cX_[dj
j[cf2
Cb[Yjh_YWb
[dZkhWdY[
KLO
5A
5?
HeWZ Ykhh[dj ?
HWcf
O[[
?cX_[dj
P[cf2
Akhl[
HeWZ m_h_d]
Z_W]hWc 5/
O[[
Z_W]hWc 5
O[[
Z_W]hWc 6
O[[
Z_W]hWc 7
GdZkYj_l[
79
79
594
74
<4
77
79
79
594
74
<4
77
64
64
111
111
111
111
66
/-:|y.
}9842480:, 6,1}<
F[WZb_]^j Yedjheb0 Dk[b fkcf Yedjheb0 Fehd Yedjheb0
?3A Yecfh[iieh YbkjY^0 OjWh 3 ijef Yedjheb
R Cnj[dZ[Z j[cf2 hWd][ kf je 569
R 5 Dehc ? - 5 Dehc A YedjWYj WhhWd][c[dj
R 62<cc MA j[hc_dWbi
R NeFO - CHR Yecfb_Wdj
*/}6}*8,60780*7
*438}*8 +}8} 6/
IWn2Yedj_dkeki Ykhh[dj 5/
Kf[hWj[ j_c[
Gd_j_Wb _dikbWj_ed h[i_ijWdY[
?cX_[dj j[cf[hWjkh[
O^eYa h[i_ijWdY[ 9/
I[Y^Wd_YWb ZWjW
JK
JA
JK
?]OdK6
5729RBA
?]OdK6
?]OdK6


Similar Part No. - HFV9-G/12-HS-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV9 HONGFA-HFV9 Datasheet
65Kb / 4P
AUTOMOTIVE RELAY
HFV9 HONGFA-HFV9 Datasheet
63Kb / 4P
AUTOMOTIVE RELAY
HFV9/012-1HSR HONGFA-HFV9/012-1HSR Datasheet
62Kb / 4P
AUTOMOTIVE RELAY
HFV9/012-1ZSR HONGFA-HFV9/012-1ZSR Datasheet
62Kb / 4P
AUTOMOTIVE RELAY
HFV9/024-1HSR HONGFA-HFV9/024-1HSR Datasheet
62Kb / 4P
AUTOMOTIVE RELAY
More results

Similar Description - HFV9-G/12-HS-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com