Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV9-G/12-HS-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV9-G/12-HS-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV9-G/12-HS-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFV9-G/12-HS-R Datasheet HTML 1Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 2Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 3Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
74
<:
<9
<;
5/ P^[ beWZ m_h_d] Z_W]hWci Wh[ b_ij[Z X[bem .NWj_d]i e\ JK0 JA Wh[ j[ij[Z XWi[Z ed Z_\\[h[dj iWcfb[i i[f[hWj[bo/ >
6/ HeWZi c[dj_ed[Z _d j^_i Y^Whj _i \eh h[bWoi m_j^ de fWhWbb[b Z_eZ[ eh V[d[h B_eZ[2 Deh j^ei[ m_j^ fWhWbb[b Z_eZ[0 V[d[h B_eZ[ eh ej^[h Yecfed[dji0
fb[Wi[ YedjWYj Fed]\W \eh ceh[ j[Y^d_YWb ikffehji2
Lb[Wi[ Wbie YedjWYj Fed]\W _\ j^[ WYjkWb Wffb_YWj_ed beWZ _i Z_\\h[dj \hec m^Wj c[dj_ed[Z WXel[Z2
5/ IWn2 WbbemWXb[ el[hZh_l[ lebjW][ _i ijWj[Z m_j^ de beWZ Wffb_[Z2
Kkjb_d[ B_c[di_edi
.@ejjec l_[m/
N[i_ij_l[
74
<;
<;W
74
N
N
<;
74
HWcf
56
56
;26
;26
526
526
568
568
526
528
6428
6428
582=
582=
111
:<4
111
5482=
Wj 67
Wj <9
IWn2 WbbemWXb[ el[hZh_l[
lebjW][ 5/ RBA
n.5 54,/
n.5 9,/
Z_W]hWc 6
Z_W]hWc 7
Z_W]hWc 5
74
<;
GdZkYj_l[
FDR=1E3561FS1S.TTT/
6> LWhWbb[b jhWdi_[dj ikfh[ii_ed h[i_ijehi
3CD> S_j^ekj fWhWbb[b Yecfed[dji
*LJKGEAI JHA?C>D ?G@A
.TTT/
*GFJKIL?KCGF
7> LbWij_Y i[Wb[Z 3CD> Bkij fhej[Yj[Z
*401 +}8}
Wj 67
LWhWbb[b
h[i_ijWdY[
Cgk_lWb[dj
h[i_ijWdY[
Ae_b
h[i_ijWdY[
Jec_dWb
lebjW][
RBA
L_Ya1kf
lebjW][
RBA
cWn2
Bhef1ekj
lebjW][
RBA
c_d2
Lem[h
Yedikcfj_ed
S
498103, +02,370437 }3+;0603. +0}.6}2
46+,603. 03-462}8043
FDR=1E 3
56
1F
1N
*GCD MGDK>BA
z{> 56RBA
8NHA
*GFK>?K >II>FBAEAFK
/> 5 Dehc ?
=> 5 Dehc A
O
54=
6629 429
59 429
62< 426
42< 4249
5:26 426
Qd_j> cc
5>I>DDAD ?GCD
?GEHGFAFKJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com