Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV9-G/12-HS-R Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFV9-G/12-HS-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV9-G/12-HS-R Datasheet(HTML) 3 Page - Hongfa Technology

  HFV9-G/12-HS-R Datasheet HTML 1Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 2Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 3Page - Hongfa Technology HFV9-G/12-HS-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
554
574
564
554
544
=4
<4
;4
:4
94
84
74
=4
=9
549 554 559
564 569 574 579 584
594
544
589
4?
79?
64?
S_h_d] B_W]hWc
N[cWha> P[hc_dWb l[hj_YWb Z[l_Wj_ed jeb[hWdY[ _i 427cc2
Kkjb_d[ B_c[di_edi
.@ejjec l_[m/
5/ P^[h[ i^ekbZ X[ de YedjWYj beWZ Wffb_[Z m^[d
cWn_ckc Yedj_dkeki ef[hWj_ed lebjW][ _i Wffb_[Z
ed Ye_b2
6/ P^_i Y^Whj jWa[i 56RBA Ye_b lebjW][ l[hi_ed Wi
[nWcfb[2
7/ P^[ cWn_ckc WbbemWXb[ Ye_b j[cf[hWjkh[ _i 5<4 2
Deh j^[ Ye_b j[cf[hWjkh[ h_i[ m^_Y^ _i c[Wikh[Z
Xo h[i_ijWdY[ _i Wl[hW][ lWbk[0 m[ h[Yecc[dZ
j^[ Ye_b j[cf[hWjkh[ i^ekbZ X[ X[bem 5;4 kdZ[h
j^[ Z_\\[h[dj Wffb_YWj_ed WcX_[dj0 Z_\\[h[dj Ye_b
lebjW][ WdZ Z_\\[h[dj beWZ [jY2
8/ G\ j^[ WYjkWb ef[hWj_d] Ye_b lebjW][ _i ekj e\ j^[
if[Y_\_[Z hWd][0 fb[Wi[ YedjWYj Fed]\W \eh \khj^[h
Z[jW_bi2
52 Ae_b ef[hWj_d] lebjW][ hWd][
L[hY[djW][ e\ dec_dWb Ye_b lebjW][
N
<9
<:
<;<;
W
74
N
<9
<:
<;
74
FDR=1E3561VS1S.TTT/
FDR=1E3561VS1S.TTT/
FDR=1E3561FS1S.TTT/
498103, +02,370437x ;0603. +0}.6}2 }3+5* ~4}6+1}<498
*/}6}*8,60780* *96:,7
6629 429
59 429
62< 426
42< 4249
<;W
74
<:
<9
<;
5:26 426
Qd_j> cc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com