Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S87C196KB Datasheet(PDF) 8 Page - Intel Corporation

Part # S87C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S87C196KB Datasheet(HTML) 8 Page - Intel Corporation

Back Button S87C196KB Datasheet HTML 4Page - Intel Corporation S87C196KB Datasheet HTML 5Page - Intel Corporation S87C196KB Datasheet HTML 6Page - Intel Corporation S87C196KB Datasheet HTML 7Page - Intel Corporation S87C196KB Datasheet HTML 8Page - Intel Corporation S87C196KB Datasheet HTML 9Page - Intel Corporation S87C196KB Datasheet HTML 10Page - Intel Corporation S87C196KB Datasheet HTML 11Page - Intel Corporation S87C196KB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8XC196KB8XC196KB16
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
Under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage On Any Pin to VSS
b
05V to a70V
Power Dissipation(1)
15W
NOTE
1 Power dissipation is based on package heat transfer lim-
itations not device power consumption
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
(All characteristics in this data sheet apply to these operating conditions unless otherwise noted)
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
0
a
70
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
FOSC
Oscillator Frequency 12 MHz
35
12
MHz
FOSC
Oscillator Frequency 16 MHz
35
16
MHz
NOTE
ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS
Symbol
Description
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage (All Pins except
02 VCC a 09 VCC a 05
V
XTAL1 and RESET)
VIH1
Input High Voltage on XTAL 1
07 VCC
VCC a 05
V
VIH2
Input High Voltage on RESET
26
VCC a 05
V
VOL
Output Low Voltage
03
V
IOL e 200 mA
045
V
IOL e 32 mA
15
V
IOL e 7mA
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Standard Outputs)(2)
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb7mA
VOH1
Output High Voltage
VCC b 03
V
IOH eb10 mA
(Quasi-bidirectional Outputs)(1)
VCC b 07
V
IOH eb30 mA
VCC b 15
V
IOH eb60 mA
ILI
Input Leakage Current
g
10
m
A0 k VIN k VCC b 03V
(Std Inputs)(3)
ILI1
Input Leakage Current (Port 0)
a
3
m
A0 k VIN k VREF
ITL
1 to 0 Transition Current
b
800
m
AVIN e 20V
(QBD Pins)(1)
IIL
Logical 0 Input Current (QBD Pins)(1)
b
50
m
AVIN e 045V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com