Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S87C196KB Datasheet(PDF) 16 Page - Intel Corporation

Part # S87C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S87C196KB Datasheet(HTML) 16 Page - Intel Corporation

Back Button S87C196KB Datasheet HTML 12Page - Intel Corporation S87C196KB Datasheet HTML 13Page - Intel Corporation S87C196KB Datasheet HTML 14Page - Intel Corporation S87C196KB Datasheet HTML 15Page - Intel Corporation S87C196KB Datasheet HTML 16Page - Intel Corporation S87C196KB Datasheet HTML 17Page - Intel Corporation S87C196KB Datasheet HTML 18Page - Intel Corporation S87C196KB Datasheet HTML 19Page - Intel Corporation S87C196KB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
8XC196KB8XC196KB16
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘T’’ for time The characters in a pair indicate a signal and its
condition respectively Symbols represent the time between the two signalcondition points
Conditions
Signals
H
- High
L
- Low
V
- Valid
X
- No Longer Valid
Z
- Floating
A
- Address
B
- BHE
BR
- BREQ
C
- CLKOUT
D
- DATA IN
G
- Buswidth
H
- HOLD
HA
- HLDA
L
- ALEADV
Q
- DATA OUT
R- RD
W- WR WRH WRL
X
- XTAL1
Y
- READY
AC CHARACTERISTICSSERIAL PORTSHIFT REGISTER MODE
SERIAL PORT TIMINGSHIFT REGISTER MODE (MODE 0)
Symbol
Parameter
Min
Max
Units
TXLXL
Serial Port Clock Period (BRR t 8002H)
6 TOSC
ns
TXLXH
Serial Port Clock Falling Edge to Rising Edge (BRR t 8002H) 4 TOSC b 50 4 TOSC a 50
ns
TXLXL
Serial Port Clock Period (BRR e 8001H)
4 TOSC
ns
TXLXH
Serial Port Clock Falling Edge to Rising Edge (BRR e 8001H) 2 TOSC b 50 2 TOSC a 50
ns
TQVXH
Output Data Setup to Clock Rising Edge
2 TOSC b50
ns
TXHQX
Output Data Hold after Clock Rising Edge
2 TOSC b50
ns
TXHQV
Next Output Data Valid after Clock Rising Edge
2 TOSC a50
ns
TDVXH
Input Data Setup to Clock Rising Edge
TOSC a50
ns
TXHDX
Input Data Hold after Clock Rising Edge
0
ns
TXHQZ
Last Clock Rising to Output Float
2 TOSC
ns
WAVEFORMSERIAL PORTSHIFT REGISTER MODE
SERIAL PORT WAVEFORMSHIFT REGISTER MODE (MODE 0)
270909 – 18
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com