Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S87C196KB Datasheet(PDF) 10 Page - Intel Corporation

Part # S87C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S87C196KB Datasheet(HTML) 10 Page - Intel Corporation

Back Button S87C196KB Datasheet HTML 6Page - Intel Corporation S87C196KB Datasheet HTML 7Page - Intel Corporation S87C196KB Datasheet HTML 8Page - Intel Corporation S87C196KB Datasheet HTML 9Page - Intel Corporation S87C196KB Datasheet HTML 10Page - Intel Corporation S87C196KB Datasheet HTML 11Page - Intel Corporation S87C196KB Datasheet HTML 12Page - Intel Corporation S87C196KB Datasheet HTML 13Page - Intel Corporation S87C196KB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
8XC196KB8XC196KB16
AC CHARACTERISTICS
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 1216 MHz
The system must meet these specifications to work with the 87C196KB
Symbol
Description
Min
Max
Units
Notes
TAVYV
Address Valid to READY Setup
2 TOSC b 75
ns
TYLYH
NonREADY Time
No upper limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC b 30
ns
(Note 1)
TLLYX
READY Hold after ALE Low
TOSC b 15
2 TOSC b 40
ns
(Note 1)
TAVGV
Address Valid to Buswidth Setup
2 TOSC b 75
ns
TCLGX
Buswidth Hold after CLKOUT Low
0
ns
TAVDV
Address Valid to Input Data Valid
3 TOSC b 55
ns
(Note 2)
TRLDV
RD Active to Input Data Valid
TOSC b 23
ns
(Note 2)
TCLDV
CLKOUT Low to Input Data Valid
TOSC b 50
ns
TRHDZ
End of RD to Input Data Float
TOSC b 20
ns
TRXDX
Data Hold after RD Inactive
0
ns
NOTES
1 If max is exceeded additional wait states will occur
2 When using wait states add 2 TOSC c n where n e number of wait states
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com