Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C186 Datasheet(PDF) 21 Page - Intel Corporation

Part # M80C186
Description  CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C186 Datasheet(HTML) 21 Page - Intel Corporation

Back Button M80C186 Datasheet HTML 17Page - Intel Corporation M80C186 Datasheet HTML 18Page - Intel Corporation M80C186 Datasheet HTML 19Page - Intel Corporation M80C186 Datasheet HTML 20Page - Intel Corporation M80C186 Datasheet HTML 21Page - Intel Corporation M80C186 Datasheet HTML 22Page - Intel Corporation M80C186 Datasheet HTML 23Page - Intel Corporation M80C186 Datasheet HTML 24Page - Intel Corporation M80C186 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
M80C186
15
14
13
12
11
10
9876543210
OFFSET
FEH
ET SLAVEMASTER
X
MIO
Relocation Address Bits R19 – R8
ET
e
ESC Trap
No ESC Trap (10)
MIO e Register block located in Memory
IO Space (10)
SLAVEMASTER e Configures interrupt controller for SlaveMaster Mode (10)
Figure 9 Relocation Register
OFFSET
Relocation Register
FEH
DMA Descriptors Channel 1
DAH
D0H
DMA Descriptors Channel 0
CAH
C0H
Chip-Select Control Registers
A8H
A0H
Time 2 Control Registers
66H
60H
Time 1 Control Registers
5EH
58H
Time 0 Control Registers
56H
50H
Interrupt Controller Registers
3EH
20H
Figure 10 Internal Register Map
of the midrange memory chip select may also be
selected Only one chip select may be programmed
to be active for any memory location at a time
M80C186 memory is arranged in words but chip se-
lects are sized in bytes If sixteen 64K x 1 memories
are used then the memory block size will be 128K
not 64K
Upper Memory CS
The M80C186 provides a chip select called UCS
for the top of memory The top of memory is usually
used as the system memory because after reset the
M80C186 begins executing at memory location
FFFF0H
The upper limit of memory defined by this chip select
is always FFFFFH while the lower limit is program-
mable By programming the lower limit the size of
the select block is also defined Table 7 shows the
relationship between the base address selected and
the size of the memory block obtained
Table 7 UMCS Programming Values
Starting
Memory
UMCS Value
Address
Block
(Assuming
(Base
Size
R0eR1eR2e0)
Address)
FFC00
1K
FFF8H
FF800
2K
FFB8H
FF000
4K
FF38H
FE000
8K
FE38H
FC000
16K
FC38H
F8000
32K
F838H
F0000
64K
F038H
E0000
128K
E038H
C0000
256K
C038H
The lower limit of this memory block is defined in the
UMCS register (see Figure 11) This register is at
offset A0H in the internal control block The legal
values for bits 6 – 13 and the resulting starting ad-
dress and memory block sizes are given in Table 7
Any combination of bits 6 – 13 not shown in Table 7
will result in undefined operation After reset the
UMCS register is programmed for a 1K area It must
be reprogrammed if a larger upper memory area is
desired
Any internally generated 20-bit address whose up-
per 16 bits are greater than or equal to UMCS (with
bits 0 – 5 ‘‘0’’) will cause UCS to be activated UMCS
bits R2 – R0 are used to specify READY mode for the
area of memory defined by this chip-select register
as explained below
Lower Memory CS
The M80C186 provides a chip select for low memory
called LCS The bottom of memory contains the in-
terrupt vector table starting at location 00000H
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com