Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C186 Datasheet(PDF) 46 Page - Intel Corporation

Part # M80C186
Description  CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C186 Datasheet(HTML) 46 Page - Intel Corporation

Back Button M80C186 Datasheet HTML 42Page - Intel Corporation M80C186 Datasheet HTML 43Page - Intel Corporation M80C186 Datasheet HTML 44Page - Intel Corporation M80C186 Datasheet HTML 45Page - Intel Corporation M80C186 Datasheet HTML 46Page - Intel Corporation M80C186 Datasheet HTML 47Page - Intel Corporation M80C186 Datasheet HTML 48Page - Intel Corporation M80C186 Datasheet HTML 49Page - Intel Corporation M80C186 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
M80C186
PIN TIMINGS (Continued)
AC CHARACTERISTICS
(Over Specified Operating Conditions) (Continued)
All timings are measured at 15V and 100 pF loading on CLKOUT unless otherwise noted
All output test conditions are with CL e 50–200 pF (10 MHz) and CL e 50–100 pF (125 MHz)
For AC tests input VIL e 045V and VIN e 24V except at X1 where VIH e VCC b 05V
Symbol
Parameter
M80C186-10
M80C186-12
Unit
Comments
Min
Max
Min
Max
M80C186 MASTER INTERFACE TIMING RESPONSES
(Continued)
TLLAX
Address Hold to
TCHCL b 20
TCHCL 15
ns
50 pF – 100 pF
10 MHz
all outputs
CL e
(except TCLTMV)
50 pF – 200 pF b
125 MHz
CL e
all outputs
ALE Inactive (min)
TCLDV
Data Valid Delay
5
40
5
36
ns
TCLDOX
Data Hold Time
3
3
ns
TWHDX
Data Hold after WR (min)
TCLCL b 34
TCLCL b 20
ns
TCVCTV
Control Active Delay 1
3
56
3
47
ns
TCHCTV
Control Active Delay 2
5
44
5
37
ns
TCVCTX
Control Inactive Delay
4
44
5
37
ns
TCVDEX
DEN Inactive Delay
5
56
5
47
ns
(Non-Write Cycle)
TAZRL
Address Float to
0
0
ns
RD Active
TCLRL
RD Active Delay
5
44
5
37
ns
TCLRH
RD Inactive Delay
5
44
5
37
ns
tRHLH
RD Inactive to ALE High
TCLCH b 14
TCLCH b 14
ns
TRHAV
RD Inactive to
TCLCL b 40
TCLCL b 20
ns
Address Active (min)
TCLHAV
HLDA Valid Delay
5
40
4
33
ns
TRLRH
RD Pulse Width (min)
2TCLCL b 46
2TCLCL b 40
ns
TRVCH
RD Valid to
25
25
ns
Clock High
TWLWH
WR Pulse Width (min)
2TCLCL b 34
2TCLCL b 30
ns
tWHLH
WR Inactive to AEE High
TCLCH b 14
TCLCH b 14
ns
TWHDEX
WR Inactive to
TCLCH b 10
TCLCH b 10
ns
DEN Inactive
TCSVLL
Chip Select Valid
TCLCH b 14
TCLCH b 14
ns
to ALE Low
TAVLL
Address Valid to
TCLCH b 19
TCLCH b 15
ns
ALE Low (min)
TCHSV
Status Active Delay
5
45
5
35
ns
TCLSH
Status Inactive Delay
5
50
5
35
ns
TCLTMV
Timer Output Delay
48
40
ns
100 pF max
10 MHz
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com