Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP4-RGY Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMP4-RGY
Description  PLCC4 SMD Top View Package LED SMP4-RGY, RED/GREEN/YELLOW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMP4-RGY Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMP4-RGY Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLCC4 SMD Top View Package LED
SMP4-RGY, RED/GREEN/YELLOW
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision C
10/13
Page 2 of 5
Radiation Diagram
Directivity Radiation
TA = 25°C unless otherwise noted
Electrical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Emitting
Color
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current (µA)
VR=5V
Dominant
Wavelength (nm)2
Luminous
Intensity (mcd)3
Viewing
Angle
2 Ө ½ (deg)
TYP
MAX
TYP
MAX
TYP
MIN
TYP
TYP
Red
1.85
2.3
20
10
640
18
36
120
Green
1.9
2.4
20
10
570
20
40
Yellow
1.9
2.4
20
10
585
10
16
1. Tolerance of Forward Voltage : ±0.05V.
2. Tolerance of Dominant Wavelength : ±0.1nm.
3. Tolerance of Luminous Intensity : ±15%.
Notes:
1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Notes:
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
72 mW
Continuous Forward Current
30 mA
Peak Forward Current 1
100 mA
Reverse Voltage
5 V
Electrostatic Discharge Classification (HBM)
2000 V
Derating Linear From 25°C
0.4 mA/°C
Operating Temperature Range
-40 ~ +85°C
Storage Temperature Range
-40 ~ +100°C
Soldering Temperature2
260°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com