Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP4-RGY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMP4-RGY
Description  PLCC4 SMD Top View Package LED SMP4-RGY, RED/GREEN/YELLOW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMP4-RGY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMP4-RGY Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMP4-RGY
Industry Standard PLCC4 Footprint
3 Chips in One Low Profile Package
High Luminous Intensity
Wide Viewing Angle
High Power Efficiency
PLCC4 SMD Top View Package LED
SMP4-RGY, RED/GREEN/YELLOW
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision C
10/13
Page 1 of 5
CAUTION: LOOKING DIRECTLY AT
LED WITHOUT SHIELDED EYES
MAY CAUSE DAMAGE TO RETINA.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 4
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Outline Dimensions
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMP4-RGY
AlGaAs
Red
36
Water Clear
120°
GaP
Green
40
GaAsP
Yellow
16
Bivar SMP4 Tri-Color LED combines three chips in a single package and is offered in an industry standard
PLCC4 footprint. The SMP4 LED has a water clear lens for high luminous intensity and wide viewing angle
making them ideal for small scale applications such as illumination, general indication, and backlighting. The
flexible three chip design allows for a wide variety of lighting options where the chips can be individually
driven or mixed to create different color combinations. The robust package is ideal for harsh working envi-
ronments and can be clustered in LED arrays for high luminous applications. Low power consumption and
excellent long life reliability are suitable for battery powered equipment. Bivar SMP4 LED is packaged in
standard tape and reels for pick and place assemblies.


Similar Part No. - SMP4-RGY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP4-RYB ETC2-SMP4-RYB Datasheet
1Mb / 5P
PLCC4 SMD Top View Package LED SMP4-RYB, RED/YELLOW/BLUE
More results

Similar Description - SMP4-RGY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP4-RYB ETC2-SMP4-RYB Datasheet
1Mb / 5P
PLCC4 SMD Top View Package LED SMP4-RYB, RED/YELLOW/BLUE
logo
Bivar, Inc.
SMTL4-BC-RY BIVAR-SMTL4-BC-RY Datasheet
802Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-RY, RED/YELLOW
Revision A 02/16
SMTL4-BC-YG BIVAR-SMTL4-BC-YG Datasheet
809Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-YG, YELLOW/GREEN
Revision A 02/16
SMTL4-BC BIVAR-SMTL4-BC Datasheet
805Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC, RED/GREEN
Revision A 02/16
SMTL4-RGY BIVAR-SMTL4-RGY Datasheet
811Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RGY, RED/GREEN/YELLOW
Revision A 02/16
SMTL4-RYB BIVAR-SMTL4-RYB Datasheet
767Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RYB, RED/YELLOW/BLUE
Revision A 02/16
SMTL4-SBC-RY BIVAR-SMTL4-SBC-RY Datasheet
809Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC-RY, RED/YELLOW
Revision A 02/16
SMTL4-SBC BIVAR-SMTL4-SBC Datasheet
812Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC, RED/GREEN
Revision A 02/16
SMTL4-SRGY BIVAR-SMTL4-SRGY Datasheet
762Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGY, RED/GREEN/YELLOW
Revision B 09/16
SMTL4-SRYB BIVAR-SMTL4-SRYB Datasheet
748Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRYB, RED/YELLOW/BLUE
Revision A 02/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com