Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP4-RGY Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMP4-RGY
Description  PLCC4 SMD Top View Package LED SMP4-RGY, RED/GREEN/YELLOW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMP4-RGY Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMP4-RGY Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP4-RGY Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision C
10/13
Page 5 of 5
PLCC4 SMD Top View Package LED
SMP4-RGY, RED/GREEN/YELLOW
0.63 [16.0mm]
Packaging and Labeling Plan
Desiccant
Internal Quality Control Label
Bivar Standard Packaging Label
Humidity Indicator
Card
Note: 1 Reel / Bag
Sealed ESD and Moisture Barrier Bag
X.XXX
X.XXX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com