Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXHF1079 Datasheet(PDF) 1 Page - API Delevan

Part # BXHF1079
Description  Standard Microwave Amplifier Frequency Range: 100 MHz to 25 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1079 Datasheet(HTML) 1 Page - API Delevan

  BXHF1079 Datasheet HTML 1Page - API Delevan BXHF1079 Datasheet HTML 2Page - API Delevan BXHF1079 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
10/27/2014
1
Standard Microwave Amplifier
Model #BXHF1079
• Ultra Broad Bandwidth: 100 MHz to 25 GHz
• High Output Power: +27 dBm
• High IP3 : +40 dBm
• Internal Voltage Regulator: +12 to +15 volts
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
-20°C to +75°C
Housing Size
1.50” L x 1.06” W x 0.30” H
Housing Drawing
SMA Connectorized Housing (HF2)
Maximum (No Damage)
Ratings
Storage
Temperature
-62°C to
+125°C
Operating
Temperature
-55°C to
+85°C
DC Voltage @ 25°C
+18 volts
Input Drive @ 25°C
(CW)
+20 dBm
Maximum Ratings
Technical Specifications
Parameter
Typical
Min/Max
Frequency Range
100 MHz to 25 GHz
100 MHz to 25 GHz
Gain
12 dB
7.5 dB (Min)
Noise Figure
6 dB*
13 dB (Max)
Output Power @ 1 dB
Compression
27 dBm
-
Output 3rd Order
Intercept
40 dBm
-
Output 2nd Order
Intercept
45 dBm
-
Reverse Isolation
35 dB
-
Input VSWR
2.0:1
2.0:1 (Max)
Output VSWR
2.0:1
2.0:1 (Max)
Supply Voltage
+12 to +15 volts
+12 to +15 volts
Supply Current
250 mA
270 mA (Max)
Typical values are measured at 25
°C,
but not guaranteed.
* Typical Noise Figure Performance is
noted as mid-band performance.
Frequency Range: 100 MHz to 25 GHz
Model BXHF1079 is a high frequency amplifier covering 100 MHz to 25 GHz. This design utilizes a laser sealed
housing for superior environmental protection. This standard design may also be ordered in a screened MIL-
STD-883 version (Model #SXHF1079.) All specification ratings are based on measurements in a 50 Ω (ohm)
system with a DC supply voltage tolerance of +/- 2%.


Similar Part No. - BXHF1079

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
43 GHz to 44 GHz Microwave Amplifier
More results

Similar Description - BXHF1079

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
Frequency Range: 350.0 MHz to 1.7 GHz
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
Frequency Range: 250.0 MHz-1.7 GHz
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
Frequency Range: 200 MHz to 1.7 GHz
logo
RF Monolithics, Inc
XOC17 RFM-XOC17 Datasheet
419Kb / 2P
5 to 100 MHz Frequency Range
logo
API Delevan
BXHF1176 API-BXHF1176 Datasheet
742Kb / 3P
Standard Microwave Amplifier Frequency Range: 100 MHz to 20 GHz
BXHF1198 API-BXHF1198 Datasheet
1,011Kb / 3P
High Frequency Microwave Amplifier Frequency Range: 8 to 12 GHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
500 MHz to 4 GHz Frequency Range
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
50 MHz to 1 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com