Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 4 Page - Analog Devices

  AD7652 Datasheet HTML 1Page - Analog Devices AD7652 Datasheet HTML 2Page - Analog Devices AD7652 Datasheet HTML 3Page - Analog Devices AD7652 Datasheet HTML 4Page - Analog Devices AD7652 Datasheet HTML 5Page - Analog Devices AD7652 Datasheet HTML 6Page - Analog Devices AD7652 Datasheet HTML 7Page - Analog Devices AD7652 Datasheet HTML 8Page - Analog Devices AD7652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7652
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
2.0
DVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format5
Pipeline Delay6
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –500 µA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.257
V
Operating Current
500 kSPS Throughput
AVDD8
With Reference and Buffer
12.2
mA
AVDD9
Reference and Buffer Alone
3
mA
DVDD10
3.8
mA
OVDD10
102
µA
Power Dissipation without REF10
500 kSPS Throughput
65
75
mW
1 kSPS Throughput
130
µW
Power Dissipation with REF10
500 kSPS Throughput
80
90
mW
TEMPERATURE RANGE11
Specified Performance
TMIN to TMAX
–40
+85
°C
1See
section.
Analog Input
2LSB means least significant bit. With the 0 V to 2.5 V input range, 1 LSB is 38.15 µV.
3See
section. These specifications do not include the error contribution from the external reference.
Definitions of Specifications
4All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
5Parallel or Serial 16-Bit.
6Conversion results are available immediately after completed conversion.
7 The max should be the minimum of 5.25 V and DVDD + 0.3 V.
8 With REF, PDREF and PDBUF are LOW; without REF, PDREF and PDBUF are HIGH.
9 With PDREF, PDBUF LOW and PD HIGH.
10 Tested in Parallel Reading Mode
11Consult factory for extended temperature range.
Rev. 0 | Page 4 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com