Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7652 Datasheet HTML 7Page - Analog Devices AD7652 Datasheet HTML 8Page - Analog Devices AD7652 Datasheet HTML 9Page - Analog Devices AD7652 Datasheet HTML 10Page - Analog Devices AD7652 Datasheet HTML 11Page - Analog Devices AD7652 Datasheet HTML 12Page - Analog Devices AD7652 Datasheet HTML 13Page - Analog Devices AD7652 Datasheet HTML 14Page - Analog Devices AD7652 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7652
Rev. 0 | Page 11 of 28
DEFINITIONS OF SPECIFICATIONS
Integral Nonlinearity Error (INL)
Linearity error refers to the deviation of each individual code
from a line drawn from negative full scale through positive full
scale. The point used as negative full scale occurs ½ LSB before
the first code transition. Positive full scale is defined as a level
1½ LSB beyond the last code transition. The deviation is
measured from the middle of each code to the true straight line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. Differential
nonlinearity is the maximum deviation from this ideal value. It
is often specified in terms of resolution for which no missing
codes are guaranteed.
Full-Scale Error
The last transition (from 011…10 to 011…11 in twos
complement coding) should occur for an analog voltage 1½ LSB
below the nominal full scale (2.49994278 V for the 0 V to 2.5 V
range). The full-scale error is the deviation of the actual level of
the last transition from the ideal level.
Unipolar Zero Error
The first transition should occur at a level ½ LSB above analog
ground (19.073 µV for the 0 V to 2.5 V range). Unipolar zero
error is the deviation of the actual transition from that point.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to S/(N+D) by the following formula:
ENOB = (S/[N+D]dB – 1.76)/6.02
and is expressed in bits.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal, and is
expressed in decibels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-(Noise + Distortion) Ratio (S/[N+D])
S/(N+D) is the ratio of the rms value of the actual input signal
to the rms sum of all other spectral components below the
Nyquist frequency, including harmonics but excluding dc. The
value for S/(N+D) is expressed in decibels.
Aperture Delay
Aperture delay is a measure of the acquisition performance and
is measured from the falling edge of the CNVST input to when
the input signal is held for a conversion.
Transient Response
Transient response is the time required for the AD7652 to
achieve its rated accuracy after a full-scale step function is
applied to its input.
Overvoltage Recovery
Overvoltage recovery is the time required for the ADC to
recover to full accuracy after an analog input signal 150% of the
full-scale value is reduced to 50% of the full-scale value.
Reference Voltage Temperature Coefficient
Reference voltage temperature coefficient is the change of
internal reference voltage output voltage V over the operating
temperature range and normalized by the output voltage at
25°C, expressed in ppm/°C. The equation follows:
6
1
2
1
2
10
)
–
(
)
25
(
)
(
–
)
(
)
/
(
×
×
°
=
°
T
T
C
V
T
V
T
V
C
ppm
TCV
where:
V(25°C) = V at +25°C
V(T2) = V at Temperature 2 (+85°C)
V(T1) = V at Temperature 1 (–40°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com