Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7652 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7652 Datasheet HTML 15Page - Analog Devices AD7652 Datasheet HTML 16Page - Analog Devices AD7652 Datasheet HTML 17Page - Analog Devices AD7652 Datasheet HTML 18Page - Analog Devices AD7652 Datasheet HTML 19Page - Analog Devices AD7652 Datasheet HTML 20Page - Analog Devices AD7652 Datasheet HTML 21Page - Analog Devices AD7652 Datasheet HTML 22Page - Analog Devices AD7652 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7652
POWER DISSIPATION VERSUS THROUGHPUT
The CNVST trace should be shielded with ground and a low
value serial resistor (i.e., 50 Ω) termination should be added
close to the output of the component that drives this line.
Operating currents are very low during the acquisition phase,
allowing significant power savings when the conversion rate is
reduced (see
). The AD7652 automatically reduces its
power consumption at the end of each conversion phase. This
makes the part ideal for very low power battery applications.
The digital interface and the reference remain active even
during the acquisition phase. To reduce operating digital supply
currents even further, digital inputs need to be driven close to
the power supply rails (i.e., DVDD or DGND), and OVDD
should not exceed DVDD by more than 0.3 V.
Figure 25
Figure 25. Power Dissipation vs. Sampling Rate
For applications where SNR is critical, the CNVST signal should
have very low jitter. This may be achieved by using a dedicated
oscillator for CNVST generation, or to clock CNVST with a
high frequency, low jitter clock, as shown in
.
Figure 22
BUSY
MODE
t2
t1
t3
t4
t5
t6
t7
t8
ACQUIRE
CONVERT
ACQUIRE
CONVERT
02964-0-011
CNVST
SAMPLE RATE (SPS)
10
02965-0-037
1000000
100
10000
100000
1000
10000
100
1000
100000
10
PDREF = PDBUF = HIGH
CONVERSION CONTROL
Figure 26
Figure 26. Basic Conversion Timing
t9
t8
RESET
DATA
BUSY
02964-0-011
CNVST
shows the detailed timing diagrams of the conversion
process. The AD7652 is controlled by the CNVST signal, which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by the power-down input PD, until the conversion
is complete. CNVST operates independently of CS and RD.
Figure 27. RESET Timing
Conversions can be automatically initiated with the AD7652. If
CNVST is held LOW when BUSY is LOW, the AD7652 controls
the acquisition phase and automatically initiates a new
conversion. By keeping CNVST LOW, the AD7652 keeps the
conversion process running by itself. It should be noted that the
analog input must be settled when BUSY goes LOW. Also, at
power-up, CNVST should be brought LOW once to initiate the
conversion process. In this mode, the AD7652 can run slightly
faster than the guaranteed 500 kSPS.
t1
t3
t4
t11
BUSY
DATA
BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
02964-0-012
CNVST
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot and undershoot or ringing.
Figure 28. Master Parallel Data Timing for Reading (Continuous Read)
Rev. 0 | Page 19 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com