Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN9560 Datasheet(PDF) 2 Page - API Delevan

Part # TN9560
Description  Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

TN9560 Datasheet(HTML) 2 Page - API Delevan

  TN9560 Datasheet HTML 1Page - API Delevan TN9560 Datasheet HTML 2Page - API Delevan TN9560 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
6/12/2014
2
Frequency (MHz)
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
Model # TN9560
3rd Order Intercept (dBm)
2nd Order Intercept (dBm)
1 dB Compression (dBm)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Gain (dB)
15
16
17
18
19
20
21
22
23
24
25
500
1600
2700
3800
4900
6000
0
1
2
3
4
5
6
7
8
9
10
500
1600
2700
3800
4900
6000
15
16
17
18
19
20
21
22
23
24
25
500
1600
2700
3800
4900
6000
20
21
22
23
24
25
26
27
28
29
30
500
1600
2700
3800
4900
6000
30
31
32
33
34
35
36
37
38
39
40
500
1600
2700
3800
4900
6000
25
26
27
28
29
30
31
32
33
34
35
500
1600
2700
3800
4900
6000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com