Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN9560 Datasheet(PDF) 3 Page - API Delevan

Part # TN9560
Description  Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

TN9560 Datasheet(HTML) 3 Page - API Delevan

  TN9560 Datasheet HTML 1Page - API Delevan TN9560 Datasheet HTML 2Page - API Delevan TN9560 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
6/12/2014
3
Input VSWR
Output VSWR
Typical Performance Graphs
Instructions
Grounding Instructions
Care should be taken to effectively ground each unit.
Revisions
API reserves the right to make revisions to both product and/or the information contained within their
datasheets without advanced notice.
Min./Max. Values
Specifications are guaranteed when tested in a 50 Ω (ohm) system.
Typical performance graphs and values are measured at 25°C, but not guaranteed.
Frequency (MHz)
Frequency (MHz)
Model # TN9560
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
500
1600
2700
3800
4900
6000
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
500
1600
2700
3800
4900
6000
Outline Drawing
(For reference only)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com