Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN9560 Datasheet(PDF) 1 Page - API Delevan

Part # TN9560
Description  Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

TN9560 Datasheet(HTML) 1 Page - API Delevan

  TN9560 Datasheet HTML 1Page - API Delevan TN9560 Datasheet HTML 2Page - API Delevan TN9560 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Model TN9560 is a broadband amplifier covering 500 MHz to 6000 MHz. This higher power design utilizes a hermetically
sealed package for superior environmental protection. This standard design may also be ordered in a MIL-STD-883
screened version (Model #SN9560) All specification ratings are based on measurements in a 50 Ω (ohm) system with a DC
supply of 15 volts and a voltage tolerance of +/- 2%.
Standard Microwave Amplifier
Frequency Range: 500 MHz to 6000 MHz
Model # TN9560
•
Broadband Operation: 500 MHz to 6000 MHz
•
High Output Power: +20 dBm Typical
•
Low Noise Figure: +3.5 dB Typical
6/12/2014
1
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
-55°C to +85°C
Package Size
0.450” Square Surfacemount
Package Drawing
SM3 Package
RF Connectors
None
Maximum (No Damage) Ratings
Storage Temperature
-62°C to +125°C
Operating Temperature
-55°C to +85°C
DC Voltage @ 25°C
+17 volts
Input Drive @ 25°C (CW)
+20 dBm
Absolute Maximum Ratings
Technical Specifications
Parameter
Unit
Typical
Min/Max
Frequency Range
MHz
500 - 6000 MHz
500 - 6000 MHz
Gain
dB
20
17
Noise Figure
dB
3.5
4.0
Output Power @
1 dB Compression
dBm
20
18
Output 3rd Order
Intercept
dBm
28
-
Output 2nd Order
Intercept
dBm
35
-
Reverse Isolation
dB
30
-
Input VSWR
---
1.5:1
2.0:1
Output VSWR
---
1.5:1
2.0:1
Supply Voltage
volts
+15
+15
Supply Current
mA
140
155
Typical values are measured at 25°C,
but not guaranteed.
Features


Similar Part No. - TN9560

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TN9566 APITECH-TN9566 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TN9560

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
105Kb / 1P
2000 TO 6000 MHz CASCADABLE AMPLIFIER
RA63-1 MACOM-RA63-1 Datasheet
492Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
Cascadable Amplifier 2000 to 6000 MHz
logo
API Delevan
BXHF1079 API-BXHF1079 Datasheet
273Kb / 3P
Standard Microwave Amplifier Frequency Range: 100 MHz to 25 GHz
BXHF1176 API-BXHF1176 Datasheet
742Kb / 3P
Standard Microwave Amplifier Frequency Range: 100 MHz to 20 GHz
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
500 MHz to 4 GHz Frequency Range
logo
M/A-COM Technology Solu...
A6011 MA-COM-A6011_15 Datasheet
637Kb / 3P
Cascadable Amplifier 2000 to 6000 MHz
logo
Teledyne Technologies I...
A2CP6115 TELEDYNE-A2CP6115 Datasheet
100Kb / 1P
100 TO 6000 MHz COUGARPAK??AMPLIFIER
A2CP6120 TELEDYNE-A2CP6120 Datasheet
100Kb / 1P
1000 TO 6000 MHz COUGARPAK??AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com