Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7853
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853 Datasheet(HTML) 5 Page - Analog Devices

  AD7853_15 Datasheet HTML 1Page - Analog Devices AD7853_15 Datasheet HTML 2Page - Analog Devices AD7853_15 Datasheet HTML 3Page - Analog Devices AD7853_15 Datasheet HTML 4Page - Analog Devices AD7853_15 Datasheet HTML 5Page - Analog Devices AD7853_15 Datasheet HTML 6Page - Analog Devices AD7853_15 Datasheet HTML 7Page - Analog Devices AD7853_15 Datasheet HTML 8Page - Analog Devices AD7853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
REV. B
–5–
AD7853/AD7853L
TYPICAL TIMING DIAGRAMS
Figures 2 and 3 show typical read and write timing diagrams.
Figure 2 shows the reading and writing after conversion in In-
terface Modes 2 and 3. To attain the maximum sample rate of
100 kHz (AD7853L) or 200 kHz (AD7853) in Interface Modes
2 and 3, reading and writing must be performed during conver-
sion. Figure 3 shows the timing diagram for Interface Modes 4
and 5 with sample rate of 100 kHz (AD7853L) or 200 kHz
(AD7853). At least 400 ns acquisition time must be allowed
(the time from the falling edge of BUSY to the next rising edge
of
CONVST) before the next conversion begins to ensure that
the part is settled to the 12-bit level. If the user does not want to
provide the
CONVST signal, the conversion can be initiated in
software by writing to the control register.
TO OUTPUT
PIN
+2.1V
IOH
1.6mA
200 A
IOL
CL
100pF
Figure 1. Load Circuit for Digital Output Timing
Specifications
POLARITY PIN LOGIC HIGH
SYNC (I/P)
SCLK (I/P)
t
3
BUSY (O/P)
CONVST (I/P)
t
2
t
1
t
5
t
11
t
6
t
9
t
10
15
6
16
t
12
t
6
DOUT (O/P)
DB0
DB11
t
8
DB15
DB0
THREE-
STATE
DB11
THREE-
STATE
DB15
t
CONVERT
t
7
t
CONVERT = 4.6 s MAX, 10 s FOR L VERSION
t
1 = 100 ns MIN, t5 = 50/90 ns MAX 5V/3V, t7 = 40/60 ns MIN 5V/3V
Figure 2. AD7853/AD7853L Timing Diagram (Typical Read and Write Operation for Interface Modes 2, 3)
POLARITY PIN LOGIC HIGH
SYNC (O/P)
DOUT (O/P)
SCLK (O/P)
DB0
DB11
t
4
t
8
DIN (I/P)
DB15
DB0
THREE-
STATE
BUSY (O/P)
CONVST (I/P)
DB11
t
2
t
1
t
7
t
11
t
6
t
9
t
10
THREE-
STATE
15
6
16
t
12
t
5
DB15
t
CONVERT
t
CONVERT = 4.6 s MAX, 10 s FOR L VERSION
t
1 = 100 ns MIN, t5 = 50/90 ns MAX 5V/3V, t7 = 40/60 ns MIN 5V/3V
Figure 3. AD7853/AD7853L Timing Diagram (Typical Read and Write Operation for Interface Modes 4, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com