Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7853
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7853_15 Datasheet HTML 25Page - Analog Devices AD7853_15 Datasheet HTML 26Page - Analog Devices AD7853_15 Datasheet HTML 27Page - Analog Devices AD7853_15 Datasheet HTML 28Page - Analog Devices AD7853_15 Datasheet HTML 29Page - Analog Devices AD7853_15 Datasheet HTML 30Page - Analog Devices AD7853_15 Datasheet HTML 31Page - Analog Devices AD7853_15 Datasheet HTML 32Page - Analog Devices AD7853_15 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
REV. B
–29–
AD7853/AD7853L
Interface Mode 1 Configuration
Figure 42 shows the flowchart for configuring the part in
Interface Mode 1. This mode of operation can only enabled by
writing to the control register and setting the 2/
3 MODE bit.
Reading and writing cannot take place simultaneously in this
mode as the DIN pin is used for both reading and writing.
APPLY
(IF REQUIRED),
SCLK, WRITE TO CONTROL REGISTER
SETTING THE TWO-WIRE MODE
SERIAL
INTERFACE
MODE
?
POWER-ON, APPLY CLKIN SIGNAL,
WAIT 150ms FOR AUTOMATIC CALIBRATION
NO
YES
START
WAIT FOR BUSY SIGNAL TO GO
LOW OR WAIT FOR BUSY BIT = 0
PULSE
PIN
READ
DATA
DURING
CONVERSION
?
APPLY
(IF REQUIRED), SCLK, READ
CURRENT CONVERSION RESULT ON DIN PIN
1
INITIATE
CONVERSION
IN
SOFTWARE
?
WAIT APPROXIMATLY 200ns
AFTER
RISING EDGE
OR AFTER END OF CONTROL
REGISTER WRITE
APPLY
(IF REQUIRED),
SCLK, READ PREVIOUS CONVERSION
RESULT ON DIN PIN
NO
YES
APPLY
(IF REQUIRED),
SCLK, WRITE TO CONTROL REGISTER
SETTING THE TWO-WIRE MODE
AND CONVST BIT TO 1
Figure 42. Flowchart for Setting Up, Reading and Writing
in Interface Mode 1
Interface Modes 4 and 5 Configuration
Figure 43 shows the flowchart for configuring the AD7853/
AD7853L in Interface Modes 4 and 5, the self-clocking modes.
In this case it is not recommended to use the software conver-
sion start option. The read and write operations always occur
simultaneously and during conversion.
SERIAL
INTERFACE
MODE
?
POWER-ON, APPLY CLKIN SIGNAL,
WAIT 150ms FOR AUTOMATIC CALIBRATION
START
AUTOMATICALLY GOES
LOW AFTER
RISING EDGE
PULSE
PIN
SCLK AUTOMATICALLY ACTIVE, READ CURRENT
CONVERSION RESULT ON DOUT PIN, WRITE
TO CONTROL REGISTER ON DIN PIN
4, 5
Figure 43. Flowchart for Setting Up, Reading and Writing
in Interface Modes 4 and 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com