Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7853 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7853
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7853_15 Datasheet HTML 3Page - Analog Devices AD7853_15 Datasheet HTML 4Page - Analog Devices AD7853_15 Datasheet HTML 5Page - Analog Devices AD7853_15 Datasheet HTML 6Page - Analog Devices AD7853_15 Datasheet HTML 7Page - Analog Devices AD7853_15 Datasheet HTML 8Page - Analog Devices AD7853_15 Datasheet HTML 9Page - Analog Devices AD7853_15 Datasheet HTML 10Page - Analog Devices AD7853_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
REV. B
–7–
AD7853/AD7853L
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
CONVST
Convert Start. Logic Input. A low to high transition on this input puts the track/hold into its hold mode and
starts conversion. When this input is not used, it should be tied to DVDD.
2
BUSY
Busy Output. The busy output is triggered high by the falling edge of
CONVST or rising edge of CAL, and
remains high until conversion is completed. BUSY is also used to indicate when the AD7853/AD7853L has
completed its on-chip calibration sequence.
3
SLEEP
Sleep Input/Low Power Mode. A Logic 0 initiates a sleep and all circuitry is powered down including the
internal voltage reference provided there is no conversion or calibration being performed. Calibration data
is retained. A Logic 1 results in normal operation. See Power-Down section for more details.
4
REFIN/
Reference Input/Output. This pin is connected to the internal reference through a series resistor and is the
REFOUT
reference source for the analog-to-digital converter. The nominal reference voltage is 2.5 V and this appears
at the pin. This pin can be overdriven by an external reference or can be taken as high as AVDD. When this
pin is tied to AVDD, or when an externally applied reference approaches AVDD, the CREF1 pin should also be
tied to AVDD.
5AVDD
Analog Positive Supply Voltage, +3.0 V to +5.5 V.
6, 12 AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
7CREF1
Reference Capacitor (0.1
µF multilayer ceramic). This external capacitor is used as a charge source for the
internal DAC. The capacitor should be tied between the pin and AGND.
8CREF2
Reference Capacitor (0.01
µF ceramic disc). This external capacitor is used in conjunction with the on-chip
reference. The capacitor should be tied between the pin and AGND.
9
AIN(+)
Analog Input. Positive input of the pseudo-differential analog input. Cannot go below AGND or above
AVDD at any time, and cannot go below AIN(–) when the unipolar input range is selected.
10
AIN(–)
Analog Input. Negative input of the pseudo-differential analog input. Cannot go below AGND or above
AVDD at any time.
11
NC
No Connect Pin.
13
AMODE
Analog Mode Pin. This pin allows two different analog input ranges to be selected. A Logic 0 selects range
0 to VREF (i.e., AIN(+) – AIN(–) = 0 to VREF). In this case AIN(+) cannot go below AIN(–) and
AIN(–) cannot go below AGND. A Logic 1 selects range –VREF/2 to +VREF/2 (i.e., AIN(+) – AIN(–) =
–VREF/2 to +VREF/2). In this case AIN(+) cannot go below AGND so that AIN(–) needs to be biased to
+VREF/2 to allow AIN(+) to go from 0 V to +VREF V.
14
POLARITY
Serial Clock Polarity. This pin determines the active edge of the serial clock (SCLK). Toggling this pin will
reverse the active edge of the serial clock (SCLK). A Logic 1 means that the serial clock (SCLK) idles high
and a Logic 0 means that the serial clock (SCLK) idles low. It is best to refer to the timing diagrams and
Table IX for the SCLK active edges.
15
SM1
Serial Mode Select Pin. This pin is used in conjunction with the SM2 pin to give different modes of opera-
tion as described in Table X.
16
SM2
Serial Mode Select Pin. This pin is used in conjunction with the SM1 pin to give different modes of opera-
tion as described in Table X.
17
CAL
Calibration Input. This pin has an internal pull-up current source of 0.15
µA. A Logic 0 on this pin resets
all calibration control logic and initiates a calibration on its rising edge. There is the option of connecting a
10 nF capacitor from this pin to DGND to allow for an automatic self-calibration on power-up. This input
overrides all other internal operations. If the autocalibration is not required, this pin should be tied to a
logic high.
18
DVDD
Digital Supply Voltage, +3.0 V to +5.5 V.
19
DGND
Digital Ground. Ground reference point for digital circuitry.
20
DOUT
Serial Data Output. The data output is supplied to this pin as a 16-bit serial word.
21
DIN
Serial Data Input. The data to be written is applied to this pin in serial form (16-bit word). This pin can act
as an input pin or as a I/O pin depending on the serial interface mode the part is in (see Table X).
22
CLKIN
Master Clock Signal for the device (4 MHz for AD7853, 1.8 MHz for AD7853L). Sets the conversion and
calibration times.
23
SCLK
Serial Port Clock. Logic input/output. The SCLK pin is configured as an input or output, dependent on the
type of serial data transmission (self-clocking or external-clocking) that has been selected by the SM1 and
SM2 pins. The SCLK idles high or low depending on the state of the POLARITY pin.
24
SYNC
This pin can be an input level triggered active low (similar to a chip select in one case and to a frame sync
in the other) or an output (similar to a frame sync) pin depending on SM1, SM2 (see Table X).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com